Electronic Components Datasheet Search
  English  ▼

X  

MAX6021 Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX6021
Description  Precision, Low-Power, Low-Dropout, SOT23-3 Voltage References
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6021 Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX6021 Datasheet HTML 4Page - Maxim Integrated Products MAX6021 Datasheet HTML 5Page - Maxim Integrated Products MAX6021 Datasheet HTML 6Page - Maxim Integrated Products MAX6021 Datasheet HTML 7Page - Maxim Integrated Products MAX6021 Datasheet HTML 8Page - Maxim Integrated Products MAX6021 Datasheet HTML 9Page - Maxim Integrated Products MAX6021 Datasheet HTML 10Page - Maxim Integrated Products MAX6021 Datasheet HTML 11Page - Maxim Integrated Products MAX6021 Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
Precision, Low-Power, Low-Dropout,
SOT23-3 Voltage References
8
_______________________________________________________________________________________
Note 1: All devices are 100% production tested at TA = +25°C and are guaranteed by design for TA = TMIN to TMAX, as specified.
Note 2: Temperature Coefficient is measured by the “box” method, i.e., the maximum
∆VOUT is divided by the maximum ∆t.
Note 3: Temperature Hysteresis is defined as the change in +25°C output voltage before and after cycling the device from TMIN to TMAX.
Note 4: Not production tested. Guaranteed by design.
Note 5: Dropout voltage is the minimum input voltage at which VOUT changes
≤0.2% from VOUT at VIN = 5.0V (VIN = 5.5V for MAX6050).
ELECTRICAL CHARACTERISTICS—MAX6050
(VIN = +5.5V, IOUT = 0, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.) (Note 1)
(VOUT + 0.2V)
≤ VIN ≤ 12.6V
Guaranteed by line-regulation test
TA = +25°C
Note 4
To VOUT = 0.1% of final value, COUT = 50pF
VIN = 5V ±100mV, f = 120Hz
f =10Hz to 10kHz
Short to IN
Short to GND
f = 0.1 Hz to 10Hz
IOUT = 500µA
Sourcing: 0
≤ IOUT ≤ 500µA
TA = 0°C to +70°C
(VOUT + 0.2V)
≤ VIN ≤ 12.6V
1000hr at TA = +25°C
CONDITIONS
µA/V
0.8
2.0
IIN/VIN
Change in Supply Current
µA
27
35
IIN
Quiescent Supply Current
V
VOUT + 0.2
12.6
VIN
Supply Voltage Range
nF
0
2.2
COUT
Capacitive-Load Stability Range
µs
220
tR
Turn-On Settling Time
dB
72
∆VOUT/
∆VIN
Ripple Rejection
µVRMS
240
µVp-p
120
eOUT
Noise Voltage
ppm/
1000hr
50
∆VOUT/
time
Long-Term Stability
ppm
130
Temperature Hysteresis
(Note 3)
4.980
5.000
5.020
V
4.990
5.000
5.010
VOUT
OUTPUT
Output Voltage
4
mA
4
ISC
OUT Short-Circuit Current
mV
100
200
VIN -
VOUT
Dropout Voltage
(Note 5)
0.17
0.85
ppm/°C
TCVOUT
Output Voltage Temperature
Coefficient (Note 2)
615
µV/V
25
160
∆VOUT/
∆VIN
Line Regulation
µV/µA
∆VOUT/
∆IOUT
Load Regulation
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
MAX6050A
MAX6050B
TA = 0°C to +70°C
625
Sinking: -500µA
≤ IOUT ≤ 0
0.24
1.10
%
V
%
MAX6050A
MAX6050B
TA = -40°C to +85°C
TA = -40°C to +85°C
-0.20
0.20
-0.40
0.40
620
630
DYNAMIC
INPUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com