Electronic Components Datasheet Search
  English  ▼

X  

MAX6021 Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # MAX6021
Description  Precision, Low-Power, Low-Dropout, SOT23-3 Voltage References
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6021 Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button MAX6021 Datasheet HTML 6Page - Maxim Integrated Products MAX6021 Datasheet HTML 7Page - Maxim Integrated Products MAX6021 Datasheet HTML 8Page - Maxim Integrated Products MAX6021 Datasheet HTML 9Page - Maxim Integrated Products MAX6021 Datasheet HTML 10Page - Maxim Integrated Products MAX6021 Datasheet HTML 11Page - Maxim Integrated Products MAX6021 Datasheet HTML 12Page - Maxim Integrated Products MAX6021 Datasheet HTML 13Page - Maxim Integrated Products MAX6021 Datasheet HTML 14Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
Precision, Low-Power, Low-Dropout,
SOT23-3 Voltage References
______________________________________________________________________________________
13
OUT
1
3
GND
IN
MAX6012
MAX6021
MAX6025
MAX6030
MAX6041
MAX6045
MAX6050
SOT23-3
TOP VIEW
2
Pin Configuration
Chip Information
TRANSISTOR COUNT: 70
Turn-On Time
These devices typically turn on and settle to within
0.1% of their final value; 30µs to 220µs depending on
the device. The turn-on time can increase up to 1.5ms
with the device operating at the minimum dropout volt-
age and the maximum load.
Positive and Negative Low-Power
Voltage Reference
Figure 1 shows a typical method for developing a bipo-
lar reference. The circuit uses a MAX681 voltage dou-
bler/inverter charge-pump converter to power an
ICL7652, thus creating a positive as well as a negative
reference voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com