Electronic Components Datasheet Search
  English  ▼

X  

MAX6021 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX6021
Description  Precision, Low-Power, Low-Dropout, SOT23-3 Voltage References
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6021 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX6021 Datasheet HTML 1Page - Maxim Integrated Products MAX6021 Datasheet HTML 2Page - Maxim Integrated Products MAX6021 Datasheet HTML 3Page - Maxim Integrated Products MAX6021 Datasheet HTML 4Page - Maxim Integrated Products MAX6021 Datasheet HTML 5Page - Maxim Integrated Products MAX6021 Datasheet HTML 6Page - Maxim Integrated Products MAX6021 Datasheet HTML 7Page - Maxim Integrated Products MAX6021 Datasheet HTML 8Page - Maxim Integrated Products MAX6021 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Precision, Low-Power, Low-Dropout,
SOT23-3 Voltage References
4
_______________________________________________________________________________________
ELECTRICAL CHARACTERISTICS—MAX6025
(VIN = +5V, IOUT = 0, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.) (Note 1)
(VOUT + 0.2V)
≤ VIN ≤ 12.6V
Guaranteed by line-regulation test
TA = +25°C
Note 4
To VOUT = 0.1% of final value, COUT = 50pF
VIN = 5V ±100mV, f = 120Hz
f = 10Hz to 10kHz
Short to IN
Short to GND
f = 0.1Hz to 10Hz
IOUT = 500µA
Sinking: -500µA
≤ IOUT ≤ 0
TA = 0°C to +70°C
TA = 0°C to +70°C
(VOUT + 0.2V)
≤ VIN ≤ 12.6V
1000hr at TA = +25°C
Sourcing: 0
≤ IOUT ≤ 500µA
CONDITIONS
µA/V
0.8
2.0
IIN/VIN
Change in Supply Current
µA
27
35
IIN
Quiescent Supply Current
V
VOUT + 0.2
12.6
VIN
Supply Voltage Range
nF
02.2
COUT
Capacitive-Load Stability Range
µs
85
tR
Turn-On Settling Time
dB
82
∆VOUT/
∆VIN
Ripple Rejection
µVRMS
125
µVp-p
50
eOUT
Noise Voltage
ppm/
1000hr
50
∆VOUT/
time
Long-Term Stability
ppm
130
∆VOUT/
time
Temperature Hysteresis
(Note 3)
2.490
2.500
2.510
V
2.495
2.500
2.505
VOUT
Output Voltage
4
mA
4
ISC
OUT Short-Circuit Current
mV
100
200
VIN -
VOUT
Dropout Voltage
(Note 5)
0.18
0.80
615
625
µV/V
15
140
∆VOUT/
∆VIN
Line Regulation
0.14
0.60
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
MAX6025A
MAX6025B
VOUT
ppm/°C
Output Voltage Temperature
Coefficient (Note 2)
∆VOUT/
∆IOUT
Load Regulation
µV/µA
MAX6025A
MAX6025B
TA = -40°C to +85°C
TA = -40°C to +85°C
-0.20
0.20
-0.40
0.40
620
630
V
%
%
OUTPUT
DYNAMIC
INPUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com