Electronic Components Datasheet Search
  English  ▼

X  

MAX6021 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX6021
Description  Precision, Low-Power, Low-Dropout, SOT23-3 Voltage References
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6021 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX6021 Datasheet HTML 1Page - Maxim Integrated Products MAX6021 Datasheet HTML 2Page - Maxim Integrated Products MAX6021 Datasheet HTML 3Page - Maxim Integrated Products MAX6021 Datasheet HTML 4Page - Maxim Integrated Products MAX6021 Datasheet HTML 5Page - Maxim Integrated Products MAX6021 Datasheet HTML 6Page - Maxim Integrated Products MAX6021 Datasheet HTML 7Page - Maxim Integrated Products MAX6021 Datasheet HTML 8Page - Maxim Integrated Products MAX6021 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
General Description
The MAX6012/MAX6021/MAX6025/MAX6030/MAX6041/
MAX6045/MAX6050 precision, low-dropout, micropower
voltage references are available in miniature SOT23-3
surface-mount packages. They feature a proprietary
curvature-correction circuit and laser-trimmed thin-film
resistors that result in a low temperature coefficient of
<15ppm/°C and initial accuracy of better than 0.2%.
These devices are specified over the extended temper-
ature range.
These series-mode voltage references draw only 27µA
of quiescent supply current and can sink or source up
to 500µA of load current. Unlike conventional shunt-
mode (two-terminal) references that waste supply cur-
rent and require an external resistor, devices in the
MAX6012 family offer a supply current that’s virtually
independent of supply voltage (with only a 0.8µA/V vari-
ation with supply voltage) and do not require an external
resistor. Additionally, these internally compensated
devices do not require an external compensation
capacitor and are stable with up to 2.2nF of load capac-
itance. Eliminating the external compensation capacitor
saves valuable board area in space-critical applications.
Their low dropout voltage and supply-independent,
ultra-low supply current make these devices ideal for
battery-operated, low-voltage systems.
Applications
Hand-Held Equipment
Data Acquisition Systems
Industrial and Process-Control Systems
Battery-Operated Equipment
Hard-Disk Drives
Features
o 0.2% (max) Initial Accuracy
o 15ppm/°C (max) Temperature Coefficient
o 35µA (max) Quiescent Supply Current
o 0.8µA/V Supply Current Variation with VIN
o ±500µA Output Source and Sink Current
o 100mV Dropout at 500µA Load Current
o 0.12µV/µA Load Regulation
o 8µV/V Line Regulation
o Stable with CLOAD = 0 to 2.2nF
Precision, Low-Power, Low-Dropout,
SOT23-3 Voltage References
________________________________________________________________ Maxim Integrated Products
1
IN
+SUPPLY INPUT (SEE SELECTOR GUIDE)
OUT
REFERENCE
OUT
2.2nF MAX*
*CAPACITORS ARE OPTIONAL
GND
MAX6012
MAX6021
MAX6025
MAX6030
MAX6041
MAX6045
MAX6050
*
Typical Operating Circuit
19-4777; Rev 3; 4/01
PART
MAX6012AEUR-T
MAX6012BEUR-T
MAX6021AEUR-T -40°C to +85°C
-40°C to +85°C
-40°C to +85°C
TEMP. RANGE
PIN-
PACKAGE
3 SOT23-3
3 SOT23-3
3 SOT23-3
Ordering Information
TOP
MARK
FZAP
FZDA
FZAU
MAX6021BEUR-T
MAX6025AEUR-T
MAX6025BEUR-T
-40°C to +85°C
-40°C to +85°C
-40°C to +85°C
3 SOT23-3
3 SOT23-3
3 SOT23-3
FZDF
FZAQ
FZDB
MAX6041AEUR-T
MAX6041BEUR-T
-40°C to +85°C
-40°C to +85°C
3 SOT23-3
3 SOT23-3
FZAR
FZDC
Pin Configuration appears at end of data sheet.
(VOUT + 200mV) to 12.6
5.000
MAX6050
(VOUT + 200mV) to 12.6
4.500
(VOUT + 200mV) to 12.6
4.096
MAX6041
MAX6045
(VOUT + 200mV) to 12.6
2.500
MAX6025
2.5 to 12.6
2.048
2.5 to 12.6
1.247
MAX6012
MAX6021
INPUT VOLTAGE (V)
OUTPUT
VOLTAGE (V)
PART
Selector Guide
MAX6045AEUR-T -40°C to +85°C
3 SOT23-3
FZAS
MAX6045BEUR-T
-40°C to +85°C
3 SOT23-3
FZDD
MAX6050AEUR-T -40°C to +85°C
3 SOT23-3
FZAT
MAX6050BEUR-T
-40°C to +85°C
3 SOT23-3
FZDE
MAX6030AEUR-T -40°C to +85°C
3 SOT23-3
FZDW
MAX6030BEUR-T
-40°C to +85°C
3 SOT23-3
FZDX
(VOUT + 200mV) to 12.6
3.000
MAX6030
For price, delivery, and to place orders, please contact Maxim Distribution at 1-888-629-4642,
or visit Maxim’s website at www.maxim-ic.com.


Similar Part No. - MAX6021

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6021AEUR-T MAXIM-MAX6021AEUR-T Datasheet
281Kb / 14P
Precision, Low-Power, Low-Dropout,
Rev 3; 4/01
MAX6021BEUR-T MAXIM-MAX6021BEUR-T Datasheet
281Kb / 14P
Precision, Low-Power, Low-Dropout,
Rev 3; 4/01
More results

Similar Description - MAX6021

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6001 MAXIM-MAX6001 Datasheet
195Kb / 12P
Low-Cost, Low-Power, Low-Dropout, SOT23-3 Voltage References
Rev 1; 4/99
MAX6061 MAXIM-MAX6061 Datasheet
545Kb / 16P
Precision, Micropower, Low-Dropout, High-Output-Current, SOT23 Voltage References
Rev 1; 4/01
MAX6125 MAXIM-MAX6125 Datasheet
84Kb / 8P
SOT23, Low-Cost, Low-Dropout, 3-Terminal Voltage References
Rev. 0; 12/96
MAX6190 MAXIM-MAX6190 Datasheet
232Kb / 14P
Precision, Micropower, Low-Dropout Voltage References
Rev 2; 10/01
MAX6190 MAXIM-MAX6190 Datasheet
293Kb / 14P
Precision, Micropower, Low-Dropout Voltage References
Rev 2; 10/01
MAX6100 MAXIM-MAX6100 Datasheet
326Kb / 14P
Low-Cost, Micropower, Low-Dropout, High-Output-Current, SOT23 Voltage References
Rev 3; 3/02
logo
Analog Devices
REF191 AD-REF191 Datasheet
616Kb / 24P
Precision Micropower, Low Dropout Voltage References
1/03-Data Sheet changed from REV. D to REV. E.
REF19X AD-REF19X Datasheet
649Kb / 28P
Precision Micropower, Low Dropout Voltage References
Rev. I
logo
Maxim Integrated Produc...
MAX6190 MAXIM-MAX6190_V01 Datasheet
263Kb / 14P
Precision, Micropower, Low-Dropout Voltage References
2010
MAX6125 MAXIM-MAX6125_V01 Datasheet
2Mb / 12P
SOT23, Low-Cost, Low-Dropout, 3-Terminal Voltage References
2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com