Electronic Components Datasheet Search
  English  ▼

X  

IR1167AS Datasheet(PDF) 18 Page - International Rectifier

Part # IR1167AS
Description  SMARTRECTIFIERTM CONTROL IC
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR1167AS Datasheet(HTML) 18 Page - International Rectifier

Back Button IR1167AS Datasheet HTML 14Page - International Rectifier IR1167AS Datasheet HTML 15Page - International Rectifier IR1167AS Datasheet HTML 16Page - International Rectifier IR1167AS Datasheet HTML 17Page - International Rectifier IR1167AS Datasheet HTML 18Page - International Rectifier IR1167AS Datasheet HTML 19Page - International Rectifier IR1167AS Datasheet HTML 20Page - International Rectifier IR1167AS Datasheet HTML 21Page - International Rectifier IR1167AS Datasheet HTML 22Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 25 page
background image
IR1167(A,B)S
18
www.irf.com
© 2013 International Rectifier
Nov 6, 2013
Figure 15: MOT vs. Temperature
Figure 16: Input Bias Current vs. VD
Figure 17: Max. VCC Voltage vs. Synchronous Rectifier
Switching Freq, TJ = 125
˚C, TIC = 85˚C, external RG =
1Ω, 1Ω HEXFET Gate Resistance Included
Figure 18: Max. VCC Voltage vs. Synchronous Rectifier
Switching Freq, TJ = 125
˚C, TIC = 85˚C, external RG =
2Ω, 1Ω HEXFET Gate Resistance Included



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com