| Electronic Components Datasheet Search |
|
IR1167AS Datasheet(PDF) 12 Page - International Rectifier |
|
|
|||||||||||||||||||||||||||||
IR1167AS Datasheet(HTML) 12 Page - International Rectifier |
|
12 / 25 page ![]() IR1167(A,B)S 12 www.irf.com © 2013 International Rectifier Nov 6, 2013 General Description The IR1167 Smart Rectifier IC can emulate the operation of diode rectifier by properly driving a Synchronous Rectifier (SR) MOSFET. The direction of the rectified current is sensed by the input comparator using the power MOSFET RDSon as a shunt resistance and the GATE pin of the MOSFET is driven accordingly. Internal blanking logic is used to prevent spurious transitions and guarantee operation in continuous (CCM), discountinuous (DCM) and critical (CrCM) conduction mode. Figure 1: Input comparator thresholds Flyback Application The modes of operation for a Flyback circuit differ mainly for the turn-off phase of the SR switch, while the turn-on phase of the secondary switch (which corresponds to the turn off of the primary side switch) is identical. Turn-on phase When the conduction phase of the SR FET is initiated, current will start flowing through its body diode, generating a negative VDS voltage across it. The body diode has generally a much higher voltage drop than the one caused by the MOSFET on resistance and therefore will trigger the turn-on threshold VTH2. At that point the IR1167 will drive the gate of MOSFET on which will in turn cause the conduction voltage VDS to drop down. This drop is usually accompanied by some amount of ringing, that can trigger the input comparator to turn off; hence, a Minimum On Time (MOT) blanking period is used that will maintain the power MOSFET on for a minimum amount of time. The programmed MOT will limit also the minimum duty cycle of the SR MOSFET and, as a consequence, the max duty cycle of the primary side switch. DCM/CrCM Turn-off phase Once the SR MOSFET has been turned on, it will remain on until the rectified current will decay to the level where VDS will cross the turn-off threshold VTH1. This will happen differently depending on the mode of operation. In DCM the current will cross the threshold with a relatively low dI/dt. Once the threshold is crossed, the current will start flowing again through the body diode, causing the VDS voltage to jump negative. Depending on the amount of residual current, VDS may trigger once again the turn on threshold: for this reason VTH2 is blanked for a certain amount of time (TBLANK) after VTH1 has been triggered. The blanking time is internally set. As soon as VDS crosses the positive threshold VTH3 also the blanking time is terminated and the IC is ready for next conduction cycle. VGate VTH1 VTH2 VTH3 VDS |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |