Electronic Components Datasheet Search
  English  ▼

X  

IR1167AS Datasheet(PDF) 10 Page - International Rectifier

Part # IR1167AS
Description  SMARTRECTIFIERTM CONTROL IC
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR1167AS Datasheet(HTML) 10 Page - International Rectifier

Back Button IR1167AS Datasheet HTML 6Page - International Rectifier IR1167AS Datasheet HTML 7Page - International Rectifier IR1167AS Datasheet HTML 8Page - International Rectifier IR1167AS Datasheet HTML 9Page - International Rectifier IR1167AS Datasheet HTML 10Page - International Rectifier IR1167AS Datasheet HTML 11Page - International Rectifier IR1167AS Datasheet HTML 12Page - International Rectifier IR1167AS Datasheet HTML 13Page - International Rectifier IR1167AS Datasheet HTML 14Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
IR1167(A,B)S
10
www.irf.com
© 2013 International Rectifier
Nov 6, 2013
Detailed Pin Description
VCC: Power Supply
This is the supply voltage pin of the IC and it is monitored by the under voltage lockout circuit. It is possible to turn off the IC by
pulling this pin below the minimum turn off threshold voltage, without damage to the IC.
To prevent noise problems, a bypass ceramic capacitor connected to Vcc and GND should be placed as close as possible to
the IR1167S. This pin is internally clamped.
OVT: Offset Voltage Trimming
The OVT pin will program the amount of input offset voltage for the turn-off threshold VTH1.
The pin can be optionally tied to ground, to VCC or left floating, to select 3 ranges of input offset trimming.
This programming feature allows for accommodating different RDSon MOSFETs.
MOT: Minimum On Time
The MOT programming pin controls the amount of minimum on time. Once VTH2 is crossed for the first time, the gate signal will
become active and turn on the power FET. Spurious ringings and oscillations can trigger the input comparator off. The MOT
blanks the input comparator keeping the FET on for a minimum time.
The MOT is programmed between 200ns and 3us (typ.) by using a resistor referenced to GND.
EN: Enable
This pin is used to activate the IC “sleep” mode by pulling the voltage level below 2.5V (typ). In sleep mode the IC will
consume a minimum amount of current. However all switching functions will be disabled and the gate will be inactive. The EN
pin voltage cannot linger between the Enable low and Enable high thresholds. The pin is intended to operate as a switch with
the pin voltage either above or below the threshold range. The Enable control pin (EN) is not intended to operate at high
frequency. For proper operation, EN positive pulse width needs to be longer than 20µs, EN negative pulse width needs to be
longer than 10µs.
Please refer to Figure 22B for the definition of EN pulse width.
VD: Drain Voltage Sense
VD is the voltage sense pin for the power MOSFET Drain. This is a high voltage pin and particular care must be taken in
properly routing the connection to the power MOSFET drain.
Additional filtering and or current limiting on this pin is not recommended as it would limit switching performance of the IC.
VS: Source Voltage Sense
VS is the differential sense pin for the power MOSFET Source. This pin must not be connected directly to the power ground
pin (7) but must be used to create a Kelvin contact as close as possible to the power MOSFET source pin.
GND: Ground
This is ground potential pin of the integrated control circuit. The internal devices and gate driver are referenced to this point.
GATE: Gate Drive Output
This is the gate drive output of the IC. Drive voltage is internally limited and provides 2A peak source and 7A peak sink
capability. Although this pin can be directly connected to the power MOSFET gate, the use of minimal gate resistor is
recommended, especially when putting multiple FETs in parallel.
Care must be taken in order to keep the gate loop as short and as small as possible in order to achieve optimal switching
performance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com