Electronic Components Datasheet Search
  English  ▼

X  

IR1167AS Datasheet(PDF) 1 Page - International Rectifier

Part # IR1167AS
Description  SMARTRECTIFIERTM CONTROL IC
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR1167AS Datasheet(HTML) 1 Page - International Rectifier

  IR1167AS Datasheet HTML 1Page - International Rectifier IR1167AS Datasheet HTML 2Page - International Rectifier IR1167AS Datasheet HTML 3Page - International Rectifier IR1167AS Datasheet HTML 4Page - International Rectifier IR1167AS Datasheet HTML 5Page - International Rectifier IR1167AS Datasheet HTML 6Page - International Rectifier IR1167AS Datasheet HTML 7Page - International Rectifier IR1167AS Datasheet HTML 8Page - International Rectifier IR1167AS Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
IR1167(A,B)S
1
www.irf.com
© 2013 International Rectifier
Nov 6, 2013
SMARTRECTIFIER
TM CONTROL IC
Features
 Secondary side high speed SR controller
 DCM, CrCM and CCM flyback topologies
 200 V proprietary IC technology
 Max 500 KHz switching frequency
 Anti-bounce logic and UVLO protection
 7 A peak turn off drive current
 Micropower start-up & ultra low quiescent current
 10.7 / 14.5 V gate drive clamp
 50ns turn-off propagation delay
 Vcc range from 11.3 V to 20 V
 Direct sensing of MOSFET drain voltage
 Minimal component count
 Simple design
 Lead-free
 Compatible with 1 W Standby, Energy Star, CECP, etc.
Typical Applications
LCD
&
PDP
TV,
Telecom
SMPS,
AC-DC
adapters, ATX SMPS, Server SMPS
Product Summary
Topology
Flyback
VD
200 V
VOUT
IR1167A
10.7 V
IR1167B
14.5 V
Io+ & I o- (typ.)
+2 A / -7 A
Turn on Propagation
Delay (typ.)
60 ns
Turn off Propagation
Delay (typ.)
40 ns
Package Options
8-Lead SOIC
Ordering Information
Base Part Number
Package Type
Standard Pack
Complete Part Number
Form
Quantity
IR1167AS
SOIC8N
Tape and Reel
2500
IR1167ASTRPBF
IR1167BS
Tape and Reel
2500
IR1167BSTRPBF


Similar Part No. - IR1167AS

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR1167AS IRF-IR1167AS Datasheet
1Mb / 25P
Secondary side high speed SR controller
IR1167ASPBF IRF-IR1167ASPBF Datasheet
308Kb / 15P
SmartRectifier CONTROL IC
IR1167ASPBF IRF-IR1167ASPBF Datasheet
350Kb / 16P
SmartRectifierTM CONTROL IC
IR1167ASPBF IRF-IR1167ASPBF_09 Datasheet
350Kb / 16P
SmartRectifierTM CONTROL IC
IR1167AS IRF-IR1167AS_15 Datasheet
1Mb / 25P
Secondary side high speed SR controller
More results

Similar Description - IR1167AS

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR2156 IRF-IR2156 Datasheet
497Kb / 24P
BALLAST CONTROL IC
logo
List of Unclassifed Man...
TDA4290-2 ETC-TDA4290-2 Datasheet
231Kb / 8P
TONE CONTROL IC
logo
Fairchild Semiconductor
FAN7532 FAIRCHILD-FAN7532 Datasheet
252Kb / 16P
Ballast Control IC
logo
International Rectifier
IR1167ASPBF IRF-IR1167ASPBF Datasheet
308Kb / 15P
SmartRectifier CONTROL IC
IR3502 IRF-IR3502 Datasheet
20Kb / 1P
XPHASE3TM CONTROL IC
logo
Siemens Semiconductor G...
TCA785 SIEMENS-TCA785_05 Datasheet
466Kb / 16P
Phase Control IC
logo
International Rectifier
IR1167ASPBF IRF-IR1167ASPBF_09 Datasheet
350Kb / 16P
SmartRectifierTM CONTROL IC
IR1166STRPBF IRF-IR1166STRPBF Datasheet
512Kb / 16P
SmartRectifierTM CONTROL IC
logo
Rohm
BM1P067FJ ROHM-BM1P067FJ Datasheet
1Mb / 30P
PWM Control IC
logo
Shindengen Electric Mfg...
MS1003SH SHINDENGEN-MS1003SH Datasheet
1Mb / 41P
Control IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com