Electronic Components Datasheet Search
  English  ▼

X  

DS2480 Datasheet(PDF) 6 Page - Dallas Semiconductor

Part # DS2480
Description  Serial 1.Wire Line Driver
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2480 Datasheet(HTML) 6 Page - Dallas Semiconductor

Back Button DS2480 Datasheet HTML 2Page - Dallas Semiconductor DS2480 Datasheet HTML 3Page - Dallas Semiconductor DS2480 Datasheet HTML 4Page - Dallas Semiconductor DS2480 Datasheet HTML 5Page - Dallas Semiconductor DS2480 Datasheet HTML 6Page - Dallas Semiconductor DS2480 Datasheet HTML 7Page - Dallas Semiconductor DS2480 Datasheet HTML 8Page - Dallas Semiconductor DS2480 Datasheet HTML 9Page - Dallas Semiconductor DS2480 Datasheet HTML 10Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
DS2480
042498 6/26
COMMUNICATION COMMAND CODES Table 1
FUNCTION
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3, BIT 2
BIT 1
BIT 0
Single Bit
1
0
0
0 = write 0
1 = write 1
00
reg. speed
01
flex. speed
10
OD. speed
11
reg. speed
See Text
1
Search
Accelerator
Control
1
0
1
0 = accelerator off
1 = accelerator on
See Text
00
reg. speed
01
flex. speed
10
OD. speed
11
reg. speed
0
1
Reset
1
1
0
(don’t care)
00
reg. speed
01
flex. speed
10
OD. speed
11
reg. speed
0
1
Pulse
1
1
1
0 = 5V strong pull–up
1 = 12V prog. pulse
11
pulse
See Text
1
COMMUNICATION COMMAND RESPONSE Table 2
FUNCTION
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
Single Bit
1
0
0
same as sent
1–Wire read back,
both bits same value
Reset
1
1
See
Text
01
0
00 = 1–Wire shorted
01 = presence pulse
10 = alarming presence
pulse
11 = no presence pulse
Pulse
1
1
1
same as sent
undefined
(The Search Accelerator Control command does not generate a response byte.)
Reset
The Reset command must be used to begin all 1–Wire
communication. The speed selection included in the
command code immediately takes effect. The response
byte includes a code for the reaction on the 1–Wire bus
(bits 0 and 1) and a code for the chip revision (bits 2 to 4).
If bit 5 of the response byte reads ‘1’, a programming
voltage is present on the VPP pin, indicating that one
may try programming EPROM devices.
Single Bit
The Single Bit command is used to generate a single
time slot on the 1–Wire bus at the speed indicated by
bits 2 and 3. The type of the time slot (write zero or write
one) is determined by the logic value of bit 4. A read data
time slot is identical to the write one time slot. Bits 0 and
1 of the response byte transmitted by the DS2480 at the
end of the time slot reveal the value found on the 1–Wire
bus when reading.
For a time slot without a subsequent strong pull–up, bit 1
of the command must be set to 0. For a time slot immedi-
ately followed by a strong pull–up bit 1 must be set to 1.
As soon as the strong pull–up is over, the device will
send a second response byte, code EFh (read 1) or ECh
(read 0), depending on the value found on the 1–Wire
bus when reading. The strong pull–up directly following
the single bit is used in conjunction with the Crypto
iButton.
Search Accelerator Control
The Search Accelerator Control command is used to set
or reset the Search Accelerator control flag. Bit 4 of the
command code contains the state to which the acceler-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com