Electronic Components Datasheet Search
  English  ▼

X  

DS2480 Datasheet(PDF) 1 Page - Dallas Semiconductor

Part # DS2480
Description  Serial 1.Wire Line Driver
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2480 Datasheet(HTML) 1 Page - Dallas Semiconductor

  DS2480 Datasheet HTML 1Page - Dallas Semiconductor DS2480 Datasheet HTML 2Page - Dallas Semiconductor DS2480 Datasheet HTML 3Page - Dallas Semiconductor DS2480 Datasheet HTML 4Page - Dallas Semiconductor DS2480 Datasheet HTML 5Page - Dallas Semiconductor DS2480 Datasheet HTML 6Page - Dallas Semiconductor DS2480 Datasheet HTML 7Page - Dallas Semiconductor DS2480 Datasheet HTML 8Page - Dallas Semiconductor DS2480 Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
DS2480
Serial 1–WireTM Line Driver
DS2480
042498 1/26
FEATURES
• Universal, common–ground serial port to 1–WireTM
line driver for MicroLANTM applications
• Works with all iButtons and MicroLAN–compatible
1–Wire slave devices
• Communicates at regular and Overdrive 1–Wire
speed and serial port data rates of 9600 (default),
19200, 57600 and 115200 bps
• Supports 12V EPROM programming and stiff 5V
pull–up for Crypto iButton, sensors and EEPROM
• Self–calibrating time base with ±5% tolerance for
serial and 1–Wire communication
• Slew rate controlled 1–Wire pull–down and active
pull–up to accommodate long lines and reduce radi-
ation
• User–selectable RXD/TXD polarity minimizes com-
ponent count when interfacing to 5V based RS232
systems or directly to UARTs
• Programmable 1–Wire timing and driver characteris-
tics accommodate a wide range of MicroLAN configu-
rations at regular speed
• Smartprotocolcombinesdataandcontrolinformation
without requiring extra pins
• Compatibleto optical, IR and RF to RS232 converters
• Low cost 8–pin SOIC surface mount package
• Operates over 4.5V to 5.5V from –40°C to +85°C
PIN ASSIGNMENT
RXD
1–W
GND
POL
TXD
VPP
8
7
6
5
8–PIN SOIC
(150 MIL)
NC
VDD
1
2
3
4
PIN DESCRIPTION
GND
Ground
1–W
1–Wire Input/Output
NC
No Connection
VDD
4.5 to 5.5 Volts
VPP
Optional EPROM
Programming Voltage
POL
RXD/TXD Polarity Select
TXD
Serial Data from UART
RXD
Serial Data to UART
ORDERING INFORMATION
DS2480S
8–pin SOIC
DESCRIPTION
The DS2480 is a serial port to 1–Wire interface chip that
supports standard and Overdrive speeds. It connects
directly to UARTs and 5V RS232 systems. Interfacing to
RS232C (
± 12V levels) requires a passive clamping cir-
cuit and one 5V to
± 12V level translator. Internal timers
relieve the host of the burden of generating the time–
critical 1–Wire communication waveforms. In contrast
to the DS9097(E) where a full character must be sent by
the host for each 1–Wire time slot, the DS2480 can
translate each character into eight 1–Wire time slots
thereby increasing the data throughput significantly. In
addition, the DS2480 can be set to communicate at four
different data rates including 115.2 kbps, 57.6 kbps and
19.2 kbps with 9.6 kbps being the power–on default.
Command codes received from the host’s crystal con-
trolled UART serve as a reference to continuously cali-
brate the on–chip timing generator. The DS2480 uses a
unique protocol that merges data and control informa-
tion without requiring control pins. This approach main-
tains compatibility to off–the–shelf serial to wireless
converters allowing easy realization of 1–Wire media
jumpers. The various control functions of the DS2480
are optimized for MicroLAN 1–Wire networks and sup-
port the special needs of all current 1–Wire devices
including the Crypto iButton, EPROM–based Add–Only
Memories, EEPROM devices and 1–Wire Thermome-
ters.


Similar Part No. - DS2480

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS2480B DALLAS-DS2480B Datasheet
411Kb / 30P
Serial 1-Wire Line Driver with Load Sensor
logo
Maxim Integrated Produc...
DS2480B MAXIM-DS2480B Datasheet
700Kb / 32P
Serial to 1-Wire Line Driver
5/10
DS2480B+ MAXIM-DS2480B+ Datasheet
700Kb / 32P
Serial to 1-Wire Line Driver
5/10
DS2480B+R MAXIM-DS2480B+R Datasheet
700Kb / 32P
Serial to 1-Wire Line Driver
5/10
DS2480B+T MAXIM-DS2480B+T Datasheet
700Kb / 32P
Serial to 1-Wire Line Driver
5/10
More results

Similar Description - DS2480

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDC340 TI-CDC340 Datasheet
104Kb / 7P
1-LINE TO 8-LINE CLOCK DRIVER
CDC341 TI-CDC341 Datasheet
102Kb / 7P
1-LINE TO 8-LINE CLOCK DRIVER
logo
Analog Devices
AD8320 AD-AD8320 Datasheet
583Kb / 20P
Serial Digital Controlled Variable Gain Line Driver
REV.0
logo
Dallas Semiconductor
DS1482 DALLAS-DS1482 Datasheet
215Kb / 7P
1-Wire Level Shifter and Line Driver with Load Sensor
DS2480B DALLAS-DS2480B Datasheet
411Kb / 30P
Serial 1-Wire Line Driver with Load Sensor
logo
Maxim Integrated Produc...
DS2480B MAXIM-DS2480B Datasheet
700Kb / 32P
Serial to 1-Wire Line Driver
5/10
logo
Texas Instruments
SN54CDC341 TI1-SN54CDC341 Datasheet
165Kb / 10P
1-LINE TO 8-LINE CLOCK DRIVER
CDC341DWR TI-CDC341DWR Datasheet
279Kb / 10P
1-LINE TO 8-LINE CLOCK DRIVER
logo
Analog Devices
AD8320 AD-AD8320_15 Datasheet
585Kb / 20P
Serial Digital Controlled Variable Gain Line Driver
REV. 0
logo
Maxim Integrated Produc...
DS2480B MAXIM-DS2480B_15 Datasheet
503Kb / 32P
Serial to 1-Wire Line Driver
2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com