Electronic Components Datasheet Search
  English  ▼

X  

DS2480 Datasheet(PDF) 22 Page - Dallas Semiconductor

Part # DS2480
Description  Serial 1.Wire Line Driver
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2480 Datasheet(HTML) 22 Page - Dallas Semiconductor

Back Button DS2480 Datasheet HTML 18Page - Dallas Semiconductor DS2480 Datasheet HTML 19Page - Dallas Semiconductor DS2480 Datasheet HTML 20Page - Dallas Semiconductor DS2480 Datasheet HTML 21Page - Dallas Semiconductor DS2480 Datasheet HTML 22Page - Dallas Semiconductor DS2480 Datasheet HTML 23Page - Dallas Semiconductor DS2480 Datasheet HTML 24Page - Dallas Semiconductor DS2480 Datasheet HTML 25Page - Dallas Semiconductor DS2480 Datasheet HTML 26Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 22 / 26 page
background image
DS2480
042498 22/26
+
12V RS232 Figure 10c
START
1–WIRE BUS
RETURN
VDD
VPP
RXD
TXD
POL
1–W
GND
UART
OR
µC
5V
(5V)
STOP
0
1
LM
DTR
VOLTAGE
REGULATOR
DS2480
12V
RTS
RXD
TXD
GND
SEE TEXT
POWER
STEALING
2.7 k
6.8 k
4.7V
1
µ
BSS110
S
D
In the interface to a true RS232C system (
± 12V, Figure
10c) the power for the DS2480 is stolen from DTR and
RTS. The software must make sure that at least one of
these signals constantly provides the 12V operating
voltage. The 6.8 k
Ω resistor and the 4.7 V Zener diode in
the TXD line limit the positive voltage at the TXD pin of
the DS2480. The Schottky diode limits the negative volt-
age to 0.3V maximum. The Schottky diode in series with
the capacitor forms a parasitic supply to generate the
negative bias for the host’s receive channel. The posi-
tive signal is switched in through the P–channel MOS-
FET that connects to the RXD output of the DS2480. In
this circuit diagram the MOSFET switches the RXD line
to +5V, which normally is sufficient for RS232C
systems.
Switching to 12V is also possible, but requires a
P–channel transistor with a different threshold voltage.
The signal inversion caused by the transistor is com-
pensated through the DS2480 by using a value code of
100, 101, 110 or 111 for the RS232 baud rate setting.
UART DIRECT OPTO ISOLATED Figure 10d
START
1–WIRE BUS
RETURN
VDD
VPP
RXD
TXD
POL
1–W
GND
UART
OR
µC
5V
(5V)
STOP
0
1
LM
SIN
DS2480
12V
HCPL–2300
OPTOCOUPLER
5V
SOUT
2.7 k
6.8 k
2.7 k
DC TO DC
CONVERTER
The circuit in Figure 10d is essentially the same as in
Figure 10a. The main difference is the opto–isolation.
The characteristics of the opto–isolators are not very
critical. Using a different type, will affect the values of the
resistors that limit the current through the LEDs and bias
the photo transistors.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com