Electronic Components Datasheet Search
  English  ▼

X  

DS2480 Datasheet(PDF) 8 Page - Dallas Semiconductor

Part # DS2480
Description  Serial 1.Wire Line Driver
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2480 Datasheet(HTML) 8 Page - Dallas Semiconductor

Back Button DS2480 Datasheet HTML 4Page - Dallas Semiconductor DS2480 Datasheet HTML 5Page - Dallas Semiconductor DS2480 Datasheet HTML 6Page - Dallas Semiconductor DS2480 Datasheet HTML 7Page - Dallas Semiconductor DS2480 Datasheet HTML 8Page - Dallas Semiconductor DS2480 Datasheet HTML 9Page - Dallas Semiconductor DS2480 Datasheet HTML 10Page - Dallas Semiconductor DS2480 Datasheet HTML 11Page - Dallas Semiconductor DS2480 Datasheet HTML 12Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
DS2480
042498 8/26
Searching the 1–Wire bus to identify all ROM IDs of the
devices connected, however, requires reading two bits,
making a decision and then writing a bit. This procedure
is to be repeated 64 times to identify and address a
single device. With the overhead of modern operating
systems this fairly simple process takes a lot of time,
reducing the discovery rate of devices on the 1–Wire
bus from a typical value of 40 to 50 per second under
DOS to less than 10 under Windows. To solve this prob-
lem the Search Accelerator was developed.
The Search Accelerator receives from the host informa-
tion on the preferred path to chose during the execution
of the Search ROM function as one contiguous chain of
bytes and then translates it into the appropriate time
slots on the 1–Wire bus. In addition, the Search Acceler-
ator reports back to the host the ROM ID of the device
actually addressed and the bit positions in which con-
flicts were found. (If the ROM ID of one device has a 0 in
a bit position where another device has a 1, this is called
a “conflict” on the electrical level and “discrepancy” on
the logical level. See the Book of DS19xx iButton Stan-
dards for a more detailed discussion of the Search
ROM). This helps the host to select the preferred path
for the next Search ROM activity.
Since the ROM ID of all MicroLAN compatible devices is
64 bits long and a conflict may occur in any of these bits,
the total length of data reported to the host is 128 bits or
16 bytes. To avoid data overrun (if the CPU sends data
faster than it can be processed) the protocol for the
Search Accelerator operation was defined so that one
has to send as many bytes as one will receive. This way
the CPU sends 16 bytes for each path and the UART
guarantees the correct data timing and frees the CPU
for other tasks while the DS2480 performs a Search
ROM function.
SEARCH ACCELERATOR OPERATION
After the Search Accelerator is activated and the data
mode is selected, the host must send 16 bytes to com-
plete a single Search ROM pass on the 1–Wire bus.
These bytes are constructed as follows:
first byte
7
6
5
4
3
2
1
0
r3
x3
r2
x2
r1
x1
r0
x0
et cetera
16th byte
7
6
5
4
3
2
1
0
r63
x63
r62
x62
r61
x61
r60
x60
In this scheme, the index (values from 0 to 63, “n”) des-
ignates the position of the bit in the ROM ID of a Micro-
LAN compatible device. The character “x” marks bits
that act as filler and do not require a specific value (don’t
care bits). The character “r” marks the path to go at that
particular bit in case of a conflict during the execution of
the ROM Search.
For each bit position n (values from 0 to 63) the DS2480
will generate three time slots on the 1–Wire bus. These
are referenced as:
b0
for the first time slot (read data)
b1
for the second time slot (read data) and
b2
for the third time slot (write data).
The type of time slot b2 (write 1 or write 0) is determined
by the DS2480 as follows:
b2
= rn if conflict (as chosen by the host)
= b0 if no conflict (there is no alternative)
= 1 if error (there is no response)
The response the host will receive during a complete
pass through a Search ROM function using the Search
Accelerator consists of 16 bytes as follows:
first byte
7
6
5
4
3
2
1
0
r’3
d3
r’2
d2
r’1
d1
r’0
d0
et cetera
16th byte
7
6
5
4
3
2
1
0
r’63
d63
r’62
d62
r’61
d61
r’60
d60
As before, the index (values from 0 to 63, “n”) desig-
nates the position of the bit in the ROM ID of a MicroLAN
compatible device. The character “d” marks the discrep-
ancy flag in that particular bit position. The discrepancy
flag will be 1 if there is a conflict or no response in that
particular bit position and 0 otherwise. The character
“r’ ” marks the actually chosen path at that particular bit
position. The chosen path is identical to b2 for the partic-
ular bit position of the ROM ID.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com