Electronic Components Datasheet Search
  English  ▼

X  

EPF8282AV Datasheet(PDF) 16 Page - Altera Corporation

Part # EPF8282AV
Description  Programmable Logic Device Family
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EPF8282AV Datasheet(HTML) 16 Page - Altera Corporation

Back Button EPF8282AV Datasheet HTML 12Page - Altera Corporation EPF8282AV Datasheet HTML 13Page - Altera Corporation EPF8282AV Datasheet HTML 14Page - Altera Corporation EPF8282AV Datasheet HTML 15Page - Altera Corporation EPF8282AV Datasheet HTML 16Page - Altera Corporation EPF8282AV Datasheet HTML 17Page - Altera Corporation EPF8282AV Datasheet HTML 18Page - Altera Corporation EPF8282AV Datasheet HTML 19Page - Altera Corporation EPF8282AV Datasheet HTML 20Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 62 page
background image
16
Altera Corporation
FLEX 8000 Programmable Logic Device Family Data Sheet
FastTrack Interconnect
In the FLEX 8000 architecture, connections between LEs and device I/O
pins are provided by the FastTrack Interconnect, a series of continuous
horizontal (row) and vertical (column) routing channels that traverse the
entire FLEX 8000 device. This device-wide routing structure provides
predictable performance even in complex designs. In contrast, the
segmented routing structure in FPGAs requires switch matrices to
connect a variable number of routing paths, which increases the delays
between logic resources and reduces performance.
The LABs within FLEX 8000 devices are arranged into a matrix of
columns and rows. Each row of LABs has a dedicated row interconnect
that routes signals both into and out of the LABs in the row. The row
interconnect can then drive I/O pins or feed other LABs in the device.
Figure 8 shows how an LE drives the row and column interconnect.
Figure 8. FLEX 8000 LAB Connections to Row & Column Interconnect
LE1
LE2
Row Channels
16 Column
Channels
Each LE drives up to
two column channels.
to Local
Feedback
to Local
Feedback
Each LE drives one
row channel.
(1)
Note:
(1)
See Table 4 for the number of row channels.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com