Electronic Components Datasheet Search
  English  ▼

X  

EPF8282AV Datasheet(PDF) 29 Page - Altera Corporation

Part # EPF8282AV
Description  Programmable Logic Device Family
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EPF8282AV Datasheet(HTML) 29 Page - Altera Corporation

Back Button EPF8282AV Datasheet HTML 25Page - Altera Corporation EPF8282AV Datasheet HTML 26Page - Altera Corporation EPF8282AV Datasheet HTML 27Page - Altera Corporation EPF8282AV Datasheet HTML 28Page - Altera Corporation EPF8282AV Datasheet HTML 29Page - Altera Corporation EPF8282AV Datasheet HTML 30Page - Altera Corporation EPF8282AV Datasheet HTML 31Page - Altera Corporation EPF8282AV Datasheet HTML 32Page - Altera Corporation EPF8282AV Datasheet HTML 33Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 62 page
background image
Altera Corporation
29
FLEX 8000 Programmable Logic Device Family Data Sheet
3
Notes to tables:
(1)
See the Operating Requirements for Altera Devices Data Sheet.
(2)
Minimum DC input is –0.5 V. During transitions, the inputs may undershoot to –2.0 V or overshoot to 7.0 V for input
currents less than 100 mA and periods shorter than 20 ns.
(3)
The maximum V CC rise time is 100 ms.
(4)
Numbers in parentheses are for industrial-temperature-range devices.
(5)
Typical values are for T A = 25° C and VCC = 5.0 V.
(6)
These values are specified in Table 10 on page 28.
(7)
The IOH parameter refers to high-level TTL or CMOS output current; the IOL parameter refers to low-level TTL or
CMOS output current.
(8)
Capacitance is sample-tested only.
Tables 13 through 16 provide information on absolute maximum ratings,
recommended operating conditions, operating conditions, and
capacitance for 3.3-V FLEX 8000 devices.
Table 12. FLEX 8000 5.0-V Device Capacitance
Note (8)
Symbol
Parameter
Conditions
Min
Max
Unit
C IN
Input capacitance
VIN = 0 V, f = 1.0 MHz
10
pF
C OUT
Output capacitance
VOUT = 0 V, f = 1.0 MHz
10
pF
Table 13. FLEX 8000 3.3-V Device Absolute Maximum Ratings
Note (1)
Symbol
Parameter
Conditions
Min
Max
Unit
VCC
Supply voltage
With respect to ground (2)
–2.0
5.3
V
VI
DC input voltage
–2.0
5.3
V
I OUT
DC output current, per pin
–25
25
mA
T STG
Storage temperature
No bias
–65
150
° C
T AMB
Ambient temperature
Under bias
–65
135
° C
T J
Junction temperature
Plastic packages, under bias
135
° C
Table 14. FLEX 8000 3.3-V Device Recommended Operating Conditions
Symbol
Parameter
Conditions
Min
Max
Unit
VCC
Supply voltage
(3)
3.0
3.6
V
VI
Input voltage
–0.3
VCC + 0.3
V
VO
Output voltage
0
V CC
V
T A
Operating temperature
For commercial use
0
70
° C
t R
Input rise time
40
ns
t F
Input fall time
40
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com