Electronic Components Datasheet Search
  English  ▼

X  

EPF8282AV Datasheet(PDF) 27 Page - Altera Corporation

Part # EPF8282AV
Description  Programmable Logic Device Family
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EPF8282AV Datasheet(HTML) 27 Page - Altera Corporation

Back Button EPF8282AV Datasheet HTML 23Page - Altera Corporation EPF8282AV Datasheet HTML 24Page - Altera Corporation EPF8282AV Datasheet HTML 25Page - Altera Corporation EPF8282AV Datasheet HTML 26Page - Altera Corporation EPF8282AV Datasheet HTML 27Page - Altera Corporation EPF8282AV Datasheet HTML 28Page - Altera Corporation EPF8282AV Datasheet HTML 29Page - Altera Corporation EPF8282AV Datasheet HTML 30Page - Altera Corporation EPF8282AV Datasheet HTML 31Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 62 page
background image
Altera Corporation
27
FLEX 8000 Programmable Logic Device Family Data Sheet
3
Figure 15. FLEX 8000 AC Test Conditions
Operating
Conditions
Tables 9 through 12 provide information on absolute maximum ratings,
recommended operating conditions, operating conditions, and
capacitance for 5.0-V FLEX 8000 devices.
VCC
To Test
System
C1 (includes
JIG capacitance)
Device input
rise and fall
times < 3 ns
464
Ω
(703
Ω)
Device
Output
250
Ω
(8.06 K
Ω)
Power supply transients can affect AC
measurements. Simultaneous transitions
of multiple outputs should be avoided for
accurate measurement. Threshold tests
must not be performed under AC
conditions. Large-amplitude, fast-ground-
current transients normally occur as the
device outputs discharge the load
capacitances. When these transients flow
through the parasitic inductance between
the device ground pin and the test system
ground, significant reductions in
observable noise immunity can result.
Numbers in parentheses are for 3.3-V
devices or outputs. Numbers without
parentheses are for 5.0-V devices or
outputs.
Table 9. FLEX 8000 5.0-V Device Absolute Maximum Ratings
Note (1)
Symbol
Parameter
Conditions
Min
Max
Unit
VCC
Supply voltage
With respect to ground (2)
–2.0
7.0
V
VI
DC input voltage
–2.0
7.0
V
I OUT
DC output current, per pin
–25
25
mA
T STG
Storage temperature
No bias
–65
150
° C
T AMB
Ambient temperature
Under bias
–65
135
° C
T J
Junction temperature
Ceramic packages, under bias
150
° C
PQFP and RQFP, under bias
135
° C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com