Electronic Components Datasheet Search
  English  ▼

X  

EPF8282AV Datasheet(PDF) 26 Page - Altera Corporation

Part # EPF8282AV
Description  Programmable Logic Device Family
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EPF8282AV Datasheet(HTML) 26 Page - Altera Corporation

Back Button EPF8282AV Datasheet HTML 22Page - Altera Corporation EPF8282AV Datasheet HTML 23Page - Altera Corporation EPF8282AV Datasheet HTML 24Page - Altera Corporation EPF8282AV Datasheet HTML 25Page - Altera Corporation EPF8282AV Datasheet HTML 26Page - Altera Corporation EPF8282AV Datasheet HTML 27Page - Altera Corporation EPF8282AV Datasheet HTML 28Page - Altera Corporation EPF8282AV Datasheet HTML 29Page - Altera Corporation EPF8282AV Datasheet HTML 30Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 62 page
background image
26
Altera Corporation
FLEX 8000 Programmable Logic Device Family Data Sheet
f FordetailedinformationonJTAGoperationinFLEX 8000devices,referto
Application Note 39 (IEEE 1149.1 (JTAG) Boundary-Scan Testing in Altera
Devices).
Generic Testing
Each FLEX 8000 device is functionally tested and specified by Altera.
Complete testing of each configurable SRAM bit and all logic
functionality ensures 100% configuration yield. AC test measurements for
FLEX 8000 devices are made under conditions equivalent to those shown
in Figure 15. Designers can use multiple test patterns to configure devices
during all stages of the production flow.
Table 8. JTAG Timing Parameters & Values
Symbol
Parameter
EPF8282A
EPF8282AV
EPF8636A
EPF8820A
EPF81500A
Unit
Min
Max
tJCP
TCK
clock period
100
ns
tJCH
TCK
clock high time
50
ns
tJCL
TCK
clock low time
50
ns
tJPSU
JTAG port setup time
20
ns
tJPH
JTAG port hold time
45
ns
tJPCO
JTAG port clock to output
25
ns
tJPZX
JTAG port high-impedance to valid output
25
ns
tJPXZ
JTAG port valid output to high-impedance
25
ns
tJSSU
Capture register setup time
20
ns
tJSH
Capture register hold time
45
ns
tJSCO
Update register clock to output
35
ns
tJSZX
Update register high-impedance to valid output
35
ns
tJSXZ
Update register valid output to high-impedance
35
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com