Electronic Components Datasheet Search
  English  ▼

X  

BZX84 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # BZX84
Description  Voltage regulator diodes
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BZX84 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button BZX84 Datasheet HTML 2Page - NXP Semiconductors BZX84 Datasheet HTML 3Page - NXP Semiconductors BZX84 Datasheet HTML 4Page - NXP Semiconductors BZX84 Datasheet HTML 5Page - NXP Semiconductors BZX84 Datasheet HTML 6Page - NXP Semiconductors BZX84 Datasheet HTML 7Page - NXP Semiconductors BZX84 Datasheet HTML 8Page - NXP Semiconductors BZX84 Datasheet HTML 9Page - NXP Semiconductors BZX84 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
BZX84_SER
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved.
Product data sheet
Rev. 6 — 6 March 2014
6 of 16
NXP Semiconductors
BZX84 series
Voltage regulator diodes
7V5
A
7.42
7.58
30
80
6
15
1
5
2.5
4.0
5.3
150
4.0
B
7.35
7.65
C7.0
7.9
8V2
A
8.11
8.29
40
80
6
15
0.7
5
3.2
4.6
6.2
150
4.0
B
8.04
8.36
C7.7
8.7
9V1
A
9
9.2
40
100
6
15
0.5
6
3.8
5.5
7.0
150
3.0
B
8.92
9.28
C8.5
9.6
10
A
9.9
10.1
50
150
8
20
0.2
7
4.5
6.4
8.0
90
3.0
B
9.8
10.2
C
9.4
10.6
11
A
10.8
11.11
50
150
10
20
0.1
8
5.4
7.4
9.0
85
2.5
B
10.8
11.2
C
10.4
11.6
12
A
11.88 12.12 50
150
10
25
0.1
8
6.0
8.4
10.0
85
2.5
B
11.8
12.2
C
11.4
12.7
13
A
12.87 13.13 50
170
10
30
0.1
8
7.0
9.4
11.0
80
2.5
B
12.7
13.3
C
12.4
14.1
15
A
14.85 15.15 50
200
10
30
0.05
10.5
9.2
11.4
13.0
75
2.0
B
14.7
15.3
C
13.8
15.6
16
A
15.84 16.16 50
200
10
40
0.05
11.2
10.4
12.4
14.0
75
1.5
B
15.7
16.3
C
15.3
17.1
18
A
17.82 18.18 50
225
10
45
0.05
12.6
12.4
14.4
16.0
70
1.5
B
17.6
18.4
C
16.8
19.1
20
A
19.8
20.2
60
225
15
55
0.05
14
14.4
16.4
18.0
60
1.5
B
19.6
20.4
C
18.8
21.2
22
A
21.78 22.22 60
250
20
55
0.05
15.4
16.4
18.4
20.0
60
1.25
B
21.6
22.4
C
20.8
23.3
Table 8.
Characteristics per type; BZX84-A2V4 to BZX84-C24 …continued
Tj =25 C unless otherwise specified.
BZX84-
xxx
Sel Working
voltage
VZ (V)
Differential resistance
rdif ()
Reverse
current
IR (A)
Temperature
coefficient
SZ (mV/K)
Diode
capacitance
Cd (pF)[1]
Non-repetitive
peak reverse
current
IZSM (A)[2]
IZ =5 mA
IZ =1mA
IZ =5mA
IZ =5mA
Min
Max
Typ
Max
Typ
Max
Max
VR (V) Min
Typ
Max
Max
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com