Electronic Components Datasheet Search
  English  ▼

X  

BZX84 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # BZX84
Description  Voltage regulator diodes
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BZX84 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button BZX84 Datasheet HTML 4Page - NXP Semiconductors BZX84 Datasheet HTML 5Page - NXP Semiconductors BZX84 Datasheet HTML 6Page - NXP Semiconductors BZX84 Datasheet HTML 7Page - NXP Semiconductors BZX84 Datasheet HTML 8Page - NXP Semiconductors BZX84 Datasheet HTML 9Page - NXP Semiconductors BZX84 Datasheet HTML 10Page - NXP Semiconductors BZX84 Datasheet HTML 11Page - NXP Semiconductors BZX84 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
BZX84_SER
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved.
Product data sheet
Rev. 6 — 6 March 2014
8 of 16
NXP Semiconductors
BZX84 series
Voltage regulator diodes
[1]
f = 1 MHz; VR =0V
[2]
tp = 100 s; square wave; Tj =25 C before surge
56
B
54.9
57.1
100
425
70
200
0.05
39.2
52.2
57.0
63.8
40
0.3
C
52.0
60.0
62
B
60.8
63.2
120
450
80
215
0.05
43.4
58.8
64.4
71.6
35
0.3
C
58.0
66.0
68
B
66.6
69.4
150
475
90
240
0.05
47.6
65.6
71.7
79.8
35
0.25
C
64.0
72.0
75
A
74.25 75.75 170
500
95
255
0.05
52.5
73.4
80.2
88.6
35
0.20
B
73.5
76.5
C
70.0
79.0
Table 9.
Characteristics per type; BZX84-A27 to BZX84-C75 …continued
Tj =25 C unless otherwise specified.
BZX84-
xxx
Sel Working
voltage
VZ (V)
Differential resistance
rdif ()
Reverse
current
IR (A)
Temperature
coefficient
SZ (mV/K)
Diode
capacitance
Cd (pF)[1]
Non-repetitive
peak reverse
current
IZSM (A)[2]
IZ =2 mA
IZ =0.5 mA IZ =2mA
IZ =2mA
Min
Max
Typ
Max
Typ
Max
Max
VR (V) Min
Typ
Max
Max
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com