Electronic Components Datasheet Search
  English  ▼

X  

BZX84 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # BZX84
Description  Voltage regulator diodes
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BZX84 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button BZX84 Datasheet HTML 5Page - NXP Semiconductors BZX84 Datasheet HTML 6Page - NXP Semiconductors BZX84 Datasheet HTML 7Page - NXP Semiconductors BZX84 Datasheet HTML 8Page - NXP Semiconductors BZX84 Datasheet HTML 9Page - NXP Semiconductors BZX84 Datasheet HTML 10Page - NXP Semiconductors BZX84 Datasheet HTML 11Page - NXP Semiconductors BZX84 Datasheet HTML 12Page - NXP Semiconductors BZX84 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
BZX84_SER
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved.
Product data sheet
Rev. 6 — 6 March 2014
9 of 16
NXP Semiconductors
BZX84 series
Voltage regulator diodes
(1) Tj =25 C (before surge)
(2) Tj = 150 C (before surge)
Tj =25 C
Fig 1.
Non-repetitive peak reverse power dissipation
as a function of pulse duration; maximum
values
Fig 2.
Forward current as a function of forward
voltage; typical values
BZX84-A/B/C2V4 to BZX84-A/B/C4V3
Tj =25 C to 150 C
BZX84-A/B/C4V7 to BZX84-A/B/C12
Tj =25 C to 150 C
Fig 3.
Temperature coefficient as a function of
working current; typical values
Fig 4.
Temperature coefficient as a function of
working current; typical values
mbg801
103
1
tp (ms)
PZSM
(W)
10
102
10−1
10
1
(1)
(2)
VF (V)
0.6
1
0.8
mbg781
100
200
300
IF
(mA)
0
060
0
−2
−3
−1
mbg783
20
40
IZ (mA)
SZ
(mV/K)
4V3
3V9
3V6
3V0
2V4
2V7
3V3
020
16
10
0
−5
5
mbg782
48
12
IZ (mA)
SZ
(mV/K)
4V7
12
11
10
9V1
8V2
7V5
6V8
6V2
5V6
5V1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com