Electronic Components Datasheet Search
  English  ▼

X  

BZX84 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # BZX84
Description  Voltage regulator diodes
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BZX84 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button BZX84 Datasheet HTML 3Page - NXP Semiconductors BZX84 Datasheet HTML 4Page - NXP Semiconductors BZX84 Datasheet HTML 5Page - NXP Semiconductors BZX84 Datasheet HTML 6Page - NXP Semiconductors BZX84 Datasheet HTML 7Page - NXP Semiconductors BZX84 Datasheet HTML 8Page - NXP Semiconductors BZX84 Datasheet HTML 9Page - NXP Semiconductors BZX84 Datasheet HTML 10Page - NXP Semiconductors BZX84 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
BZX84_SER
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved.
Product data sheet
Rev. 6 — 6 March 2014
7 of 16
NXP Semiconductors
BZX84 series
Voltage regulator diodes
[1]
f = 1 MHz; VR =0V
[2]
tp = 100 s; square wave; Tj =25 C before surge
24
A
23.76 24.24 60
250
25
70
0.05
16.8
18.4
20.4
22.0
55
1.25
B
23.5
24.5
C
22.8
25.6
Table 8.
Characteristics per type; BZX84-A2V4 to BZX84-C24 …continued
Tj =25 C unless otherwise specified.
BZX84-
xxx
Sel Working
voltage
VZ (V)
Differential resistance
rdif ()
Reverse
current
IR (A)
Temperature
coefficient
SZ (mV/K)
Diode
capacitance
Cd (pF)[1]
Non-repetitive
peak reverse
current
IZSM (A)[2]
IZ =5 mA
IZ =1mA
IZ =5mA
IZ =5mA
Min
Max
Typ
Max
Typ
Max
Max
VR (V) Min
Typ
Max
Max
Max
Table 9.
Characteristics per type; BZX84-A27 to BZX84-C75
Tj =25 C unless otherwise specified.
BZX84-
xxx
Sel Working
voltage
VZ (V)
Differential resistance
rdif ()
Reverse
current
IR (A)
Temperature
coefficient
SZ (mV/K)
Diode
capacitance
Cd (pF)[1]
Non-repetitive
peak reverse
current
IZSM (A)[2]
IZ =2 mA
IZ =0.5 mA IZ =2mA
IZ =2mA
Min
Max
Typ
Max
Typ
Max
Max
VR (V) Min
Typ
Max
Max
Max
27
A
26.73 27.27 65
300
25
80
0.05
18.9
21.4
23.4
25.3
50
1.0
B
26.5
27.5
C
25.1
28.9
30
A
29.7
30.30 70
300
30
80
0.05
21
24.4
26.6
29.4
50
1.0
B
29.4
30.6
C
28.0
32.0
33
A
32.67 33.33 75
325
35
80
0.05
23.1
27.4
29.7
33.4
45
0.9
B
32.3
33.7
C
31.0
35.0
36
A
35.64 36.36 80
350
35
90
0.05
25.2
30.4
33.0
37.4
45
0.8
B
35.3
36.7
C
34.0
38.0
39
A
38.61 39.39 80
350
40
130
0.05
27.3
33.4
36.4
41.2
45
0.7
B
38.2
39.8
C
37.0
41.0
43
A
42.57 43.43 85
375
45
150
0.05
30.1
37.6
41.2
46.6
40
0.6
B
42.1
43.9
C
40.0
46.0
47
B
46.1
47.9
85
375
50
170
0.05
32.9
42.0
46.1
51.8
40
0.5
C
44.0
50.0
51
A
50.49 51.51 90
400
60
180
0.05
35.7
46.6
51.0
57.2
40
0.4
B
50.0
52.0
C
48.0
54.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com