Electronic Components Datasheet Search
  English  ▼

X  

ICS527-01 Datasheet(PDF) 3 Page - Integrated Device Technology

Part # ICS527-01
Description  CLOCK SLICER USER CONFIGURABLE ZERO DELAY BUFFER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS527-01 Datasheet(HTML) 3 Page - Integrated Device Technology

  ICS527-01 Datasheet HTML 1Page - Integrated Device Technology ICS527-01 Datasheet HTML 2Page - Integrated Device Technology ICS527-01 Datasheet HTML 3Page - Integrated Device Technology ICS527-01 Datasheet HTML 4Page - Integrated Device Technology ICS527-01 Datasheet HTML 5Page - Integrated Device Technology ICS527-01 Datasheet HTML 6Page - Integrated Device Technology ICS527-01 Datasheet HTML 7Page - Integrated Device Technology ICS527-01 Datasheet HTML 8Page - Integrated Device Technology ICS527-01 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
ICS527-01
CLOCK SLICER USER CONFIGURABLE ZERO DELAY BUFFER
ZDB AND MULTIPLIER/DIVIDER
IDT™ / ICS™ CLOCK SLICER USER CONFIGURABLE ZERO DELAY BUFFER 3
ICS527-01
REV G 051310
External Components
Decoupling Capacitors
As with any high performance mixed-signal IC, the
ICS527-01 must be isolated from system power supply
noise to perform optimally.
Decoupling capacitors of 0.01µF must be connected
between each VDD and the PCB ground plane. The
capacitor must be connected close to the device to
minimize lead inductance.
Series Termination Resistor
Clock output traces over one inch should use series
termination. To series terminate a 50
Ω trace (a
commonly used trace impedance), place a 33
Ωresistor
in series with the clock line, as close to the clock output
pin as possible. The nominal impedance of the clock
output is 20
Ω.
Using the Clock Slicer
First use DIV2 to select the function of the CLK2 output.
If DIV2 is high, a divide-by-2, low skew version of CLK1
is present on CLK2. If DIV2 is low, a SYNC pulse is
generated on CLK2. The SYNC pulse goes high
synchronously with the rising edges of ICLK and CLK1
that are de-skewed. The SYNC function operates at
CLK1 frequencies up to 66 MHz. If neither CLK1/2 or a
SYNC pulse are required, then CLK2 should be
disabled by connecting OECLK2 to ground. This will
also give the lowest jitter on CLK1.
Next, the feedback scheme should be chosen. If CLK2
is being used as a SYNC pulse, or is tri-stated, then
CLK1 must be connected to FBIN. If CLK2 is selected
to be CLK1/2 (DIV2=1, OECLK2=1) then either CLK1 or
CLK2 must be connected to FBIN. The choice between
CLK1 or CLK2 is illustrated by the following examples
where the device has been configured to generate
CLK1 that is twice the frequency on ICLK.
Using CLK1 as feedback will always result in
synchronized rising edges between ICLK and CLK1 if
CLK1 is used as feedback. CLK2 could be a falling edge
compared to ICLK. Therefore, wherever possible, it is
recommended to use CLK2 for feedback, which will
synchronize the rising edges of all three clocks.
More complicated feedback schemes can be used,
such as incorporating multiple output buffers in the
feedback path. An example is given later in the
datasheet. The fundamental property of the ICS527-01
is that it aligns rising edges on ICLK and FBIN at a ratio
determined by the reference and feedback dividers.
The drive strength is selected by the 2XDRIVE pin. If
high drive strength is required, we recommend tying this
pin low.
Lastly, the divider settings should be selected. This is
described in the following section.
Determining ICS527-01 Divider Settings
The user has full control in setting the desired output
clock over the range shown in the table on page 2. The
user should connect the divider select input pins directly
to ground (or VDD, although this is not required
ICLK
CLK1 Feedback
CLK1
CLK2
phase is
indeterminate
ICLK
CLK1
CLK2
CLK2 Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com