Electronic Components Datasheet Search
  English  ▼

X  

ICS527-01 Datasheet(PDF) 7 Page - Integrated Device Technology

Part # ICS527-01
Description  CLOCK SLICER USER CONFIGURABLE ZERO DELAY BUFFER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS527-01 Datasheet(HTML) 7 Page - Integrated Device Technology

Back Button ICS527-01 Datasheet HTML 3Page - Integrated Device Technology ICS527-01 Datasheet HTML 4Page - Integrated Device Technology ICS527-01 Datasheet HTML 5Page - Integrated Device Technology ICS527-01 Datasheet HTML 6Page - Integrated Device Technology ICS527-01 Datasheet HTML 7Page - Integrated Device Technology ICS527-01 Datasheet HTML 8Page - Integrated Device Technology ICS527-01 Datasheet HTML 9Page - Integrated Device Technology ICS527-01 Datasheet HTML 10Page - Integrated Device Technology ICS527-01 Datasheet HTML 11Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
ICS527-01
CLOCK SLICER USER CONFIGURABLE ZERO DELAY BUFFER
ZDB AND MULTIPLIER/DIVIDER
IDT™ / ICS™ CLOCK SLICER USER CONFIGURABLE ZERO DELAY BUFFER 7
ICS527-01
REV G 051310
between decoupling capacitor and VDD pin. The PCB
trace to VDD pin should be kept as short as possible, as
should the PCB trace to the ground via.
2) To minimize EMI the 33
Ωseries termination resistor,
if needed, should be placed close to the clock outputs.
3) An optimum layout is one with all components on the
same side of the board, minimizing vias through other
signal layers. Other signal traces should be routed away
from the ICS527-01. This includes signal traces just
underneath the device, or on layers adjacent to the
ground plane layer used by the device.
Absolute Maximum Ratings
Stresses above the ratings listed below can cause permanent damage to the ICS527-01. These ratings,
which are standard values for IDT commercially rated parts, are stress ratings only. Functional operation of
the device at these or any other conditions above those indicated in the operational sections of the
specifications is not implied. Exposure to absolute maximum rating conditions for extended periods can
affect product reliability. Electrical parameters are guaranteed only over the recommended operating
temperature range.
Recommended Operation Conditions
DC Electrical Characteristics
Unless stated otherwise, VDD = 3.3 V ±10%, Ambient Temperature 0 to +70
° C
Item
Rating
Supply Voltage, VDD
7 V
All Inputs and Outputs
-0.5 V to VDD+0.5 V
Ambient Operating Temperature (Commercial)
0 to +70
° C
Ambient Operating Temperature (Industrial)
-40 to +85
° C
Storage Temperature
-65 to +150
° C
Junction Temperature
125
° C
Soldering Temperature
260
° C
Parameter
Min.
Typ.
Max.
Units
Ambient Operating Temperature, ICS527R-01
0
–
+70
° C
Ambient Operating Temperature, ICS527R-01I
-40
–
+85
° C
Power Supply Voltage (measured in respect to GND)
3
3.3
3.6
V
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Operating Voltage
VDD
3
3.3
3.6
V
Supply Current
IDD
15 MHz in, 60MHz out,
no load
8mA
Supply Current, Power Down
IDDPD
PDTS=0
20
μA
Input High Voltage
VIH
2V



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com