Electronic Components Datasheet Search
  English  ▼

X  

ICS527-01 Datasheet(PDF) 10 Page - Integrated Device Technology

Part # ICS527-01
Description  CLOCK SLICER USER CONFIGURABLE ZERO DELAY BUFFER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS527-01 Datasheet(HTML) 10 Page - Integrated Device Technology

Back Button ICS527-01 Datasheet HTML 3Page - Integrated Device Technology ICS527-01 Datasheet HTML 4Page - Integrated Device Technology ICS527-01 Datasheet HTML 5Page - Integrated Device Technology ICS527-01 Datasheet HTML 6Page - Integrated Device Technology ICS527-01 Datasheet HTML 7Page - Integrated Device Technology ICS527-01 Datasheet HTML 8Page - Integrated Device Technology ICS527-01 Datasheet HTML 9Page - Integrated Device Technology ICS527-01 Datasheet HTML 10Page - Integrated Device Technology ICS527-01 Datasheet HTML 11Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
ICS527-01
CLOCK SLICER USER CONFIGURABLE ZERO DELAY BUFFER
ZDB AND MULTIPLIER/DIVIDER
IDT™ / ICS™ CLOCK SLICER USER CONFIGURABLE ZERO DELAY BUFFER 10
ICS527-01
REV G 051310
Package Outline and Package Dimensions (28-pin SSOP, .150 mil Body, 0.025 mm Pitch)
Package dimensions are kept current with JEDEC Publication No. 95, MO-153
Ordering Information
While the information presented herein has been checked for both accuracy and reliability, Integrated Device Technology (IDT) assumes no
responsibility for either its use or for the infringement of any patents or other rights of third parties, which would result from its use. No other
circuits, patents, or licenses are implied. This product is intended for use in normal commercial applications. Any other applications such as those
requiring extended temperature range, high reliability, or other extraordinary environmental requirements are not recommended without
additional processing by IDT. IDT reserves the right to change any circuitry or specifications without notice. IDT does not authorize or warrant
any IDT product for use in life support devices or critical medical instruments.
Part / Order Number
Marking
Shipping Packaging
Package
Temperature
527R-01LF
ICS527R-01LF
Tubes
28-pin SSOP
0 to +70
° C
527R-01LFT
ICS527R-01LF
Tape and Reel
28-pin SSOP
0 to +70
° C
527R-01ILF
ICS527R-01ILF
Tubes
28-pin SSOP
-40 to +85
° C
527R-01ILFT
ICS527R-01ILF
Tape and Reel
28-pin SSOP
-40 to +85
° C
INDEX
AREA
1 2
28
D
E1
E
SEATING
PLANE
A
1
A
A
2
e
- C -
b
aaa C
c
L
Millimeters
Inches
Symbol
Min
Max
Min
Max
A
1.351.75.053
.069
A1
0.10
0.25
.0040
.010
A2
--
1.50
--
.059
b
0.200.30.008
.012
C
0.180.25.007
.010
D
9.80
10.00
.386
.394
E
5.806.20.228
.244
E1
3.80
4.00
.150
.157
e
0.635 Basic
0.025 Basic
L
0.401.27.016
.050
α
0
°
8
°
0
°
8
°
aaa
--
0.10
--
0.004



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com