Electronic Components Datasheet Search
  English  ▼

X  

ICS527-01 Datasheet(PDF) 8 Page - Integrated Device Technology

Part # ICS527-01
Description  CLOCK SLICER USER CONFIGURABLE ZERO DELAY BUFFER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS527-01 Datasheet(HTML) 8 Page - Integrated Device Technology

Back Button ICS527-01 Datasheet HTML 3Page - Integrated Device Technology ICS527-01 Datasheet HTML 4Page - Integrated Device Technology ICS527-01 Datasheet HTML 5Page - Integrated Device Technology ICS527-01 Datasheet HTML 6Page - Integrated Device Technology ICS527-01 Datasheet HTML 7Page - Integrated Device Technology ICS527-01 Datasheet HTML 8Page - Integrated Device Technology ICS527-01 Datasheet HTML 9Page - Integrated Device Technology ICS527-01 Datasheet HTML 10Page - Integrated Device Technology ICS527-01 Datasheet HTML 11Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
ICS527-01
CLOCK SLICER USER CONFIGURABLE ZERO DELAY BUFFER
ZDB AND MULTIPLIER/DIVIDER
IDT™ / ICS™ CLOCK SLICER USER CONFIGURABLE ZERO DELAY BUFFER 8
ICS527-01
REV G 051310
Input Low Voltage
VIL
0.8
V
Input High Voltage, ICLK and
FBIN
VIH
Pins 7 and 8
VDD/2+1
V
Input Low Voltage, ICLK and
FBIN
VIL
Pins 7 and 8
VDD/2-1
V
Output High Voltage
VOH
2XDRIVE = 0,
IOH = -12 mA
2.4
V
Output Low Voltage
VOL
2XDRIVE = 0,
IOL = 12 mA
0.4
V
Output High Voltage
VOH
2XDRIVE = 1,
IOH = -25 mA
2.4
V
Output Low Voltage
VOL
2XDRIVE = 1,
IOL = 25 mA
0.4
V
Short Circuit Current
IOS
2XDRIVE = 0,
CLK outputs
±70
mA
Short Circuit Current
IOS
2XDRIVE = 1,
CLK outputs
±140
mA
On-chip Pull-up Resistor
RPU
270
k
Ω
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com