| Electronic Components Datasheet Search |
|
LPC1500 Datasheet(PDF) 36 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
LPC1500 Datasheet(HTML) 36 Page - NXP Semiconductors |
|
36 / 99 page ![]() LPC15XX All information provided in this document is subject to legal disclaimers. © NXP B.V. 2014. All rights reserved. Product data sheet Rev. 1 — 19 February 2014 36 of 99 NXP Semiconductors LPC15xx 32-bit ARM Cortex-M3 microcontroller – 8 inputs and 10 outputs – DMA support • Counter/timer features: – Configurable as two 16-bit counters or one 32-bit counter. – Counters clocked by system clock or selected input. – Configurable as up counters or up-down counters. – Configurable number of match and capture registers. Up to 16 match and capture registers total. – Upon match create the following events: stop, halt, limit counter or change counter direction; toggle outputs; create an interrupt; change the state. – Counter value can be loaded into capture register triggered by match or input/output toggle. • PWM features: – Counters can be used in conjunction with match registers to toggle outputs and create time-proportioned PWM signals. – Up to eight single-edge or dual-edge controlled PWM outputs with up to eight independent duty cycles when configured as 32-bit timers. • Event creation features: – The following conditions define an event: a counter match condition, an input (or output) condition such as an rising or falling edge or level, a combination of match and/or input/output condition. – Events can only have an effect while the counter is running. – Selected events can limit, halt, start, or stop a counter or change its direction. – Events trigger state changes, output toggles, interrupts, and DMA transactions. – Match register 0 can be used as an automatic limit. – In bi-directional mode, events can be enabled based on the count direction. – Match events can be held until another qualifying event occurs. • State control features: – A state is defined by the set of events that are allowed to happen in the state. – A state changes into another state as result of an event. – Each event can be assigned to one or more states. – State variable allows sequencing across multiple counter cycles. • Dither engine. • Integrated with an input pre-processing unit (SCTIPU) to combine or delay input events. Inputs and outputs on the SCTimer0/PWM and SCTimer1/PWM are configured as follows: • 8 inputs – 7 inputs. Each input except input 7 can select one of 23 sources from an input multiplexer. – One input connected directly to the SCT PLL for a high-speed dedicated clock input. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |