Electronic Components Datasheet Search
  English  ▼

X  

LPC1500 Datasheet(PDF) 49 Page - NXP Semiconductors

Part # LPC1500
Description  32-bit ARM Cortex-M3 microcontroller; up to 256 kB flash and 36 kB SRAM
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC1500 Datasheet(HTML) 49 Page - NXP Semiconductors

Back Button LPC1500 Datasheet HTML 45Page - NXP Semiconductors LPC1500 Datasheet HTML 46Page - NXP Semiconductors LPC1500 Datasheet HTML 47Page - NXP Semiconductors LPC1500 Datasheet HTML 48Page - NXP Semiconductors LPC1500 Datasheet HTML 49Page - NXP Semiconductors LPC1500 Datasheet HTML 50Page - NXP Semiconductors LPC1500 Datasheet HTML 51Page - NXP Semiconductors LPC1500 Datasheet HTML 52Page - NXP Semiconductors LPC1500 Datasheet HTML 53Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 99 page
background image
LPC15XX
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2014. All rights reserved.
Product data sheet
Rev. 1 — 19 February 2014
49 of 99
NXP Semiconductors
LPC15xx
32-bit ARM Cortex-M3 microcontroller
8.41 System control
8.41.1 Reset
Reset has four sources on the LPC15xx: the RESET pin, the Watchdog reset, power-on
reset (POR), and the BrownOut Detection (BOD) circuit. The RESET pin is a Schmitt
trigger input pin. Assertion of chip reset by any source, once the operating voltage attains
a usable level, starts the IRC and initializes the flash controller.
When the internal Reset is removed, the processor begins executing at address 0, which
is initially the Reset vector mapped from the boot block. At that point, all of the processor
and peripheral registers have been initialized to predetermined values.
In Deep power-down mode, an external pull-up resistor is required on the RESET pin.
The RESET pin is operational in active, sleep, deep-sleep, and power-down modes if the
RESET function is selected through the switch matrix for pin PIO0_21 (this is the default).
A LOW-going pulse as short as 50 ns executes the reset and thereby wakes up the part to
its active state. The RESET pin is not functional in Deep power-down mode and must be
pulled HIGH externally while the part is in Deep power-down mode.
8.41.2 Brownout detection
The LPC15xx includes brown-out detection (BOD) with two levels for monitoring the
voltage on the VDD pin. If this voltage falls below one of two selected levels, the BOD
asserts an interrupt signal to the NVIC. This signal can be enabled for interrupt in the
Interrupt Enable Register in the NVIC to cause a CPU interrupt. Alternatively, software can
monitor the signal by reading a dedicated status register. Two threshold levels can be
selected to cause a forced reset of the chip.
8.41.3 Code security (Code Read Protection - CRP)
CRP provides different levels of security in the system so that access to the on-chip flash
and use of the Serial Wire Debugger (SWD) and In-System Programming (ISP) can be
restricted. Programming a specific pattern into a dedicated flash location invokes CRP.
IAP commands are not affected by the CRP.
Fig 16. RESET pin configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com