Electronic Components Datasheet Search
  English  ▼

X  

LPC1500 Datasheet(PDF) 12 Page - NXP Semiconductors

Part # LPC1500
Description  32-bit ARM Cortex-M3 microcontroller; up to 256 kB flash and 36 kB SRAM
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC1500 Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button LPC1500 Datasheet HTML 8Page - NXP Semiconductors LPC1500 Datasheet HTML 9Page - NXP Semiconductors LPC1500 Datasheet HTML 10Page - NXP Semiconductors LPC1500 Datasheet HTML 11Page - NXP Semiconductors LPC1500 Datasheet HTML 12Page - NXP Semiconductors LPC1500 Datasheet HTML 13Page - NXP Semiconductors LPC1500 Datasheet HTML 14Page - NXP Semiconductors LPC1500 Datasheet HTML 15Page - NXP Semiconductors LPC1500 Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 99 page
background image
LPC15XX
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2014. All rights reserved.
Product data sheet
Rev. 1 — 19 February 2014
12 of 99
NXP Semiconductors
LPC15xx
32-bit ARM Cortex-M3 microcontroller
7.2 Pin description
Most pins are configurable for multiple functions, which can be analog or digital. Digital
inputs can be connected to several peripherals at once, however only one digital output or
one analog function can be assigned to any on pin. The pin’s connections to internal
peripheral blocks are configured by the switch matrix (SWM), the input multiplexer (INPUT
MUX), and the SCT Input Pre-processor Unit (SCTIPU).
The switch matrix enables certain fixed-pin functions that can only reside on specific pins
(see Table 3) and assigns all other pin functions (movable functions) to any available pin
(see Table 4), so that the pinout can be optimized for a given application.
The input mux provides many choices (pins and internal signals) for selecting the inputs of
the SCTimer/PWMs and the frequency measure block. Pins that are connected to the
input mux are listed in Table 5. If a pin is selected in the input mux, it is directly connected
to the peripheral input without being routed through the switch matrix. Independently of
being selected in the input mux, the same pin can also be assigned by the switch matrix to
another peripheral input.
Four pins can also be connected directly to the SCTIPU and at the same time be inputs to
the input mux and the switch matrix (see Table 5).
Table 3.
Pin description with fixed-pin functions
Symbol
Reset
state[1]
Type
Description
PIO0_0/ADC0_10/
SCT0_OUT3
122
[2]
I; PU
IO
PIO0_0 — General purpose port 0 input/output 0.
A
ADC0_10 — ADC0 input 10.
O
SCT0_OUT3 — SCTimer0/PWM output 3.
PIO0_1/ADC0_7/
SCT0_OUT4
256
[2]
I; PU
IO
PIO0_1 — General purpose port 0 input/output 1.
A
ADC0_7 — ADC0 input 7.
O
SCT0_OUT4 — SCTimer0/PWM output 4.
PIO0_2/ADC0_6/
SCT1_OUT3
368
[2]
I; PU
IO
PIO0_2 — General purpose port 0 input/output 2.
ADC0_6 — ADC0 input 6.
O
SCT1_OUT3 — SCTimer1/PWM output 3.
PIO0_3/ADC0_5/
SCT1_OUT4
4710
[2]
I; PU
IO
PIO0_3 — General purpose port 0 input/output 3.
A
ADC0_5 — ADC0 input 5.
O
SCT1_OUT4 — SCTimer1/PWM output 4.
PIO0_4/ADC0_4
5813
[2]
I; PU
IO
PIO0_4 — General purpose port 0 input/output 4. This is
the ISP_0 boot pin for the LQFP48 package.
A
ADC0_4 — ADC0 input 4.
PIO0_5/ADC0_3
6914
[2]
I; PU
IO
PIO0_5 — General purpose port 0 input/output 5.
A
ADC0_3 — ADC0 input 3.
PIO0_6/ADC0_2/
SCT2_OUT3
710
16
[2]
I; PU
IO
PIO0_6 — General purpose port 0 input/output 6.
A
ADC0_2 — ADC0 input 2.
O
SCT2_OUT3 — SCTimer2/PWM output 3.
PIO0_7/ADC0_1
811
17
[2]
I; PU
IO
PIO0_7 — General purpose port 0 input/output 7.
A
ADC0_1 — ADC0 input 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com