Electronic Components Datasheet Search
  English  ▼

X  

LPC1500 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # LPC1500
Description  32-bit ARM Cortex-M3 microcontroller; up to 256 kB flash and 36 kB SRAM
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC1500 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button LPC1500 Datasheet HTML 9Page - NXP Semiconductors LPC1500 Datasheet HTML 10Page - NXP Semiconductors LPC1500 Datasheet HTML 11Page - NXP Semiconductors LPC1500 Datasheet HTML 12Page - NXP Semiconductors LPC1500 Datasheet HTML 13Page - NXP Semiconductors LPC1500 Datasheet HTML 14Page - NXP Semiconductors LPC1500 Datasheet HTML 15Page - NXP Semiconductors LPC1500 Datasheet HTML 16Page - NXP Semiconductors LPC1500 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 99 page
background image
LPC15XX
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2014. All rights reserved.
Product data sheet
Rev. 1 — 19 February 2014
13 of 99
NXP Semiconductors
LPC15xx
32-bit ARM Cortex-M3 microcontroller
PIO0_8/ADC0_0/TDO
9
12
19
[2]
I; PU
IO
PIO0_8 — General purpose port 0 input/output 8.
In boundary scan mode: TDO (Test Data Out).
A
ADC0_0 — ADC0 input 0.
PIO0_9/ADC1_1/TDI
12
16
24
[2]
I; PU
IO
PIO0_9 — General purpose port 0 input/output 9.
In boundary scan mode: TDI (Test Data In).
A
ADC1_1 — ADC1 input 1.
PIO0_10/ADC1_2
15
19
28
[2]
I; PU
IO
PIO0_10 — General purpose port 0 input/output 10.
A
ADC1_2 — ADC1 input 2.
PIO0_11/ADC1_3
18
23
33
[2]
I; PU
IO
PIO0_11 — General purpose port 0 input/output 11.
On the LQFP64 package, this pin is assigned to
CAN0_RD in ISP C_CAN mode.
A
ADC1_3 — ADC1 input 3.
PIO0_12/DAC_OUT
19
24
35
[3]
I; PU
IO
PIO0_12 — General purpose port 0 input/output 12. If this
pin is configured as a digital input, the input voltage level
must not be higher than VDDA.
A
DAC_OUT — DAC analog output.
PIO0_13/ADC1_6
21
29
43
[2]
I; PU
IO
PIO0_13 — General purpose port 0 input/output 13.
On the LQFP64 package, this pin is assigned to U0_RXD
in ISP USART mode.
On the LQFP48 package, this pin is assigned to
CAN0_RD in ISP C_CAN mode.
A
ADC1_6 — ADC1 input 6.
PIO0_14/ADC1_7/
SCT1_OUT5
22
30
45
[2]
I; PU
IO
PIO0_14 — General purpose port 0 input/output 14.
On the LQFP48 package, this pin is assigned to U0_RXD
in ISP USART mode.
A
ADC1_7 — ADC1 input 7.
O
SCT1_OUT5 — SCTimer1/PWM output 5.
PIO0_15/ADC1_8
23
31
47
[2]
I; PU
IO
PIO0_15 — General purpose port 0 input/output 15.
On the LQFP48 package, this pin is assigned to U0_TXD
in ISP USART mode.
A
ADC1_8 — ADC1 input 8.
PIO0_16/ADC1_9
24
32
49
[2]
I; PU
IO
PIO0_16 — General purpose port 0 input/output 16.
On the LQFP48 package, this is the ISP_1 boot pin.
A
ADC1_9 — ADC1 input 9.
PIO0_17/WAKEUP/
TRST
28
39
61
[4]
I; PU
IO
PIO0_17 — General purpose port 0 input/output 17. In
boundary scan mode: TRST (Test Reset).
This pin triggers a wake-up from Deep power-down mode.
For wake up from Deep power-down mode via an external
pin, do not assign any movable function to this pin. Pull
this pin HIGH externally while in Deep power-down mode.
Pull this pin LOW to exit Deep power-down mode. A
LOW-going pulse as short as 50 ns wakes up the part.
Table 3.
Pin description with fixed-pin functions
Symbol
Reset
state[1]
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com