Electronic Components Datasheet Search
  English  ▼

X  

ZLED7001 Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # ZLED7001
Description  Universal LED Driver with Temperature Compensation
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ZLED7001 Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button ZLED7001 Datasheet HTML 7Page - List of Unclassifed Manufacturers ZLED7001 Datasheet HTML 8Page - List of Unclassifed Manufacturers ZLED7001 Datasheet HTML 9Page - List of Unclassifed Manufacturers ZLED7001 Datasheet HTML 10Page - List of Unclassifed Manufacturers ZLED7001 Datasheet HTML 11Page - List of Unclassifed Manufacturers ZLED7001 Datasheet HTML 12Page - List of Unclassifed Manufacturers ZLED7001 Datasheet HTML 13Page - List of Unclassifed Manufacturers ZLED7001 Datasheet HTML 14Page - List of Unclassifed Manufacturers ZLED7001 Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
ZLED7001
Universal LED Driver with Temperature Compensation
Data Sheet
August 12, 2010
© 2010 Zentrum Mikroelektronik Dresden AG — Rev. 1.1
All rights reserved. The material contained herein may not be reproduced, adapted, merged, translated, stored, or used without
the prior written consent of the copyright owner. The information furnished in this publication is subject to changes without
notice.
11 of 15
Resulting in a supply resistor of
k
mA
V
V
I
V
V
R
IN
IN
INDC
IN
195
4
.
1
7
280
An 180kΩ type can be chosen with a power rating of ≥0.5W. CIN is chosen to be a 10μF/ ≥10V capacitor.
TOFF Time Capacitor (COFF)
The selection of the operation frequency is based on a tradeoff between higher frequencies allowing for
smaller and less expensive inductors and lower frequencies incurring lower losses in the power switch.
An estimation of the duty cycle D is based on the ratio of output voltage over input voltage:
15
.
0
280
43
_
_
_
V
V
V
V
T
T
T
D
INDC
F
TIME
OFF
TIME
ON
TIME
ON
A timing capacitor of 220pF yields
s
pF
pF
s
pF
C
s
T
OFF
TIME
OFF
7
.
11
10
220
1
51
.
0
10
1
51
.
0
_




Resulting in an operation frequency of
kHz
s
T
D
f
TIME
OFF
O
72
7
.
11
15
.
0
1
1
_
Inductor (L1)
The inductance L1 is determined by the LED string’s forward voltage, the off-time, and the acceptable current
ripple. Assuming a ripple of 30% of the average current yields
mH
mA
s
V
I
T
V
L
Ripple
TIME
OFF
F
8
.
4
350
%
30
7
.
11
43
_
Lower ripple at the same average current will increase the lifetime of the LEDs but requires a more expensive
higher value inductor and increased thermal losses since the inductor’s DC resistance will increase as well.
The DC resistance of the inductor is an important design parameter, too. A capacitor placed in parallel with
the array of LEDs can be used to reduce the LED current ripple while keeping the same average current.
The inductor chosen must have a saturation current higher than the peak output current and a continuous
current rating above the required mean output current. The circuit design must also consider the decrease of
inductance and saturation current with rising temperature.
Current Sense Resistor (RCS)
With peak current-mode control, the output is switched off when the LED current reaches its maximum value
summing up the average LED current and half of the defined current ripple, yielding for the given example
mA
mA
mA
I
I
I
Ripple
AVG
LED
PEAK
O
5
.
402
2
350
%
30
350
2
)
(
_
The current sense resistor can now be calculated from the internal comparator threshold VCSTH and the peak
current as
596
.
0
5
.
402
240
_
mA
mV
I
V
R
PEAK
O
CSTH
CS
This value can be built by a 0.68Ω in parallel with a 4.7Ω type.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com