Electronic Components Datasheet Search
  English  ▼

X  

ZLED7001 Datasheet(PDF) 12 Page - List of Unclassifed Manufacturers

Part # ZLED7001
Description  Universal LED Driver with Temperature Compensation
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ZLED7001 Datasheet(HTML) 12 Page - List of Unclassifed Manufacturers

Back Button ZLED7001 Datasheet HTML 8Page - List of Unclassifed Manufacturers ZLED7001 Datasheet HTML 9Page - List of Unclassifed Manufacturers ZLED7001 Datasheet HTML 10Page - List of Unclassifed Manufacturers ZLED7001 Datasheet HTML 11Page - List of Unclassifed Manufacturers ZLED7001 Datasheet HTML 12Page - List of Unclassifed Manufacturers ZLED7001 Datasheet HTML 13Page - List of Unclassifed Manufacturers ZLED7001 Datasheet HTML 14Page - List of Unclassifed Manufacturers ZLED7001 Datasheet HTML 15Page - List of Unclassifed Manufacturers ZLED7001 Datasheet HTML 16Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
ZLED7001
Universal LED Driver with Temperature Compensation
Data Sheet
August 12, 2010
© 2010 Zentrum Mikroelektronik Dresden AG — Rev. 1.1
All rights reserved. The material contained herein may not be reproduced, adapted, merged, translated, stored, or used without
the prior written consent of the copyright owner. The information furnished in this publication is subject to changes without
notice.
12 of 15
MOSFET (Q1) and Diode (D1)
The MOSFET and diode must be dimensioned with a minimum 50% safety rating of their relevant voltage and
current parameters. Thus a FET with minimum 500V drain-source breakdown voltage and 0.6A drain current
as well as a fast recovery diode with at least 500V reverse voltage and a 0.6A forward current may be
selected.
3
ESD/Latch-Up-Protection
All pins have an ESD protection of >± 2000V according human body model (HBM). The ESD test follows the
Human Body Model with 1.5 kΩ/100 pF based on MIL 883-G, Method 3015.7
Latch-up protection of >± 100mA has been proven based on JEDEC No. 78A Feb. 2006, temperature class 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com