Electronic Components Datasheet Search
  English  ▼

X  

ZLED7001 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # ZLED7001
Description  Universal LED Driver with Temperature Compensation
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ZLED7001 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button ZLED7001 Datasheet HTML 4Page - List of Unclassifed Manufacturers ZLED7001 Datasheet HTML 5Page - List of Unclassifed Manufacturers ZLED7001 Datasheet HTML 6Page - List of Unclassifed Manufacturers ZLED7001 Datasheet HTML 7Page - List of Unclassifed Manufacturers ZLED7001 Datasheet HTML 8Page - List of Unclassifed Manufacturers ZLED7001 Datasheet HTML 9Page - List of Unclassifed Manufacturers ZLED7001 Datasheet HTML 10Page - List of Unclassifed Manufacturers ZLED7001 Datasheet HTML 11Page - List of Unclassifed Manufacturers ZLED7001 Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
ZLED7001
Universal LED Driver with Temperature Compensation
Data Sheet
August 12, 2010
© 2010 Zentrum Mikroelektronik Dresden AG — Rev. 1.1
All rights reserved. The material contained herein may not be reproduced, adapted, merged, translated, stored, or used without
the prior written consent of the copyright owner. The information furnished in this publication is subject to changes without
notice.
8 of 15
2.3.
Input Voltage Regulator
The value and rating of the RIN input resistor must be selected as needed to drop the application supply
voltage (Vs) to the proper operating voltage for the ZLED7001 specified in section 1 (see equation (2) below).
When these conditions are met, the ZLED7001’s internal input voltage regulator maintains a stable 7.1V
(typical) at the VIN pin to power the ZLED7001. A low-equivalent-series-resistance (ESR) bypass capacitor is
required on the VIN pin to provide a low-impedance path for the GATE pin output driver’s high frequency
current.
The VIN pin draws an input current that is the sum of the 0.5mA (typical) required by the internal circuit and the
average current drawn by the GATE driver. The GATE driver current is primarily determined by the GATE
charge (QG) and switching frequency (fs) of the external MOSFET as shown in equation (1).

S
G
IN
f
Q
mA
5
.
0
I
(1)
Where
fS = Switching frequency
G
Q
= External MOSFET gate charge (refer to the MOSFET data sheet)
The input resistor RIN value is given by equation (2).
IN
IN
INDC
IN
I
V
V
R
(2)
For two typical MOSFET types, the following IIN diagram will result:
Figure 2.1
Input Current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com