Electronic Components Datasheet Search
  English  ▼

X  

ZLED7001 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # ZLED7001
Description  Universal LED Driver with Temperature Compensation
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ZLED7001 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button ZLED7001 Datasheet HTML 3Page - List of Unclassifed Manufacturers ZLED7001 Datasheet HTML 4Page - List of Unclassifed Manufacturers ZLED7001 Datasheet HTML 5Page - List of Unclassifed Manufacturers ZLED7001 Datasheet HTML 6Page - List of Unclassifed Manufacturers ZLED7001 Datasheet HTML 7Page - List of Unclassifed Manufacturers ZLED7001 Datasheet HTML 8Page - List of Unclassifed Manufacturers ZLED7001 Datasheet HTML 9Page - List of Unclassifed Manufacturers ZLED7001 Datasheet HTML 10Page - List of Unclassifed Manufacturers ZLED7001 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
ZLED7001
Universal LED Driver with Temperature Compensation
Data Sheet
August 12, 2010
© 2010 Zentrum Mikroelektronik Dresden AG — Rev. 1.1
All rights reserved. The material contained herein may not be reproduced, adapted, merged, translated, stored, or used without
the prior written consent of the copyright owner. The information furnished in this publication is subject to changes without
notice.
7 of 15
2
Circuit Description
The ZLED7001 is a peak current-mode-control LED driver IC that operates in constant off-time mode,
enabling proper LED current control without additional loop compensation or high-side current sensing. The
ZLED7001 supports both linear and PWM control of the LED current. Only a few external components are
needed for typical applications. It is well-suited for buck LED driver applications.
2.1.
ZLED7001 Block Diagram
Bandgap
Blanking
480ns
RS
POR
UVLO
nLED
L1
R2
NTC
5
6
D1
RCS
CLED
Q1
VS
CIN
C1
R1
8 to 450 VDC
2
3
1
RIN
CS
LD
VREF
VIN
PWMD
GATE
GND
4
7
COFF
TOFF
ZLED7001
Timing
Circuit
7.1V Clamp
R
R
R
0.24V
0.05V
+
+
–
–
+
–
0.24V
Driver
R
S
Q
CMP1
CMP2
CMP3
8
vdda
vdda
vddd
Voltage
Regulator
REN
2.2.
Application Signal Flow
A capacitor between the TOFF pin and ground determines the internal timer’s off-time. The timer pulses set flip-
flop in the ZLED7001, turning on the GATE pin driver, which is connected to the Q1 external MOSFET. When
Q1 turns on, a ramp current flows through the LED(s), the L1 external inductor, and the external sense
resistor RCS. This results in a ramp voltage applied at the CS pin, which the ZLED7001’s two internal
comparators continually compare to the voltage at its LD pin and its internal 240mV reference. If either
comparator goes high and the blanking time is expired (see Table 1.3), the flip-flop is reset, causing the GATE
pin output to go low, shutting off the current through the LED(s).
The peak current control scheme with constant off-time can easily operate at duty cycles higher than 0.5 and
also gives inherent input voltage rejection, making the LED current almost insensitive to input voltage
variations.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com