Electronic Components Datasheet Search
  English  ▼

X  

ZIOL2111 Datasheet(PDF) 31 Page - List of Unclassifed Manufacturers

Part # ZIOL2111
Description  IO-Link compliant HV Line Driver IC Family
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ZIOL2111 Datasheet(HTML) 31 Page - List of Unclassifed Manufacturers

Back Button ZIOL2111 Datasheet HTML 27Page - List of Unclassifed Manufacturers ZIOL2111 Datasheet HTML 28Page - List of Unclassifed Manufacturers ZIOL2111 Datasheet HTML 29Page - List of Unclassifed Manufacturers ZIOL2111 Datasheet HTML 30Page - List of Unclassifed Manufacturers ZIOL2111 Datasheet HTML 31Page - List of Unclassifed Manufacturers ZIOL2111 Datasheet HTML 32Page - List of Unclassifed Manufacturers ZIOL2111 Datasheet HTML 33Page - List of Unclassifed Manufacturers ZIOL2111 Datasheet HTML 34Page - List of Unclassifed Manufacturers ZIOL2111 Datasheet HTML 35Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 91 page
background image
ZIOL2xxx – IC Family
IO-Link compliant HV Line Driver IC Family
Data Sheet
January 31, 2012
© 2012 Zentrum Mikroelektronik Dresden AG — Rev. 2.2.1
All rights reserved. The material contained herein may not be reproduced, adapted, merged, translated, stored, or used without
the prior written consent of the copyright owner. The information furnished in this publication is PRELIMINARY and subject to
changes without notice.
31 of 90
2. Write access to the EEPROM. This is the critical step which can lead to corrupt data if interrupted at certain
points in time. Since the valid-flag is cleared the IC can detect this and make sure that no corrupt data are
going to be used unintentionally.
3. Set the valid-flag. From now on the data are declared as valid.
If the power supply of the IC collapses while writing to the EEPROM or the write access is interrupted by any
other reason, the IC can detect this while power-up due to the cleared valid-flag and can and block the EEPROM
data against further use. Just in case the IC has detected possibly corrupt EEPROM data the configuration
registers will be load with default values which are equal to the initial state (reset values) mentioned in Table 3.7.
3.3.7.1. EEPROM Error Correction Features
The physical memory array of the EEPROM contains 16 words of 13 bits. In addition to the eight “real” data bits
there are five parity bits which are used as error correction code (ECC). In case one of the data bits changes its
information an automatic single-error correction will be done. Thus the data word (read by the IC system control)
is still correct if this one-bit-error occurs. In order to signal this incident the exception “Eeprom-error” is generated
(stored in bit 4 of the status register[18]).
If a two-bit-error occurs (two bits of the data word are wrong) the ECC cannot correct the memory failure. This
means the in such a situation read data is corrupt. In order to signal this non-recoverable memory failure the
exception “Eeprom_2_error” is generated (stored in bit 3 of the status register[18]).
In summary the ECC features of the EEPROM allow to recognize problems (single bit errors) of the EEPROM
(Eeprom_error exception) without jeopardizing the entire system application. Only for the case that there are
multiple-bit-errors, which are signaled with the “Eeprom_2_error” exception, it is recommended to stop the
application and maintain the application circuit.
3.3.8.
Serial Peripheral Interface (SPI)
3.3.8.1. SPI Features
The purpose of the SPI interface is to provide access to the memory unit of the IC. Within communication pauses
of the transceiver channels the SPI can be used to retrieve diagnostic data from the IC and/or to reconfigure the
IC, respectively. An active SPI communication causes that the COM communication channel, which shares its
control pins with the SPI interface, cannot change its output value and output status and cannot forward received
signals for exactly the period SPI_EN_L is low (refer to Figure 3.10).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com