Electronic Components Datasheet Search
  English  ▼

X  

ZIOL2111 Datasheet(PDF) 37 Page - List of Unclassifed Manufacturers

Part # ZIOL2111
Description  IO-Link compliant HV Line Driver IC Family
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ZIOL2111 Datasheet(HTML) 37 Page - List of Unclassifed Manufacturers

Back Button ZIOL2111 Datasheet HTML 33Page - List of Unclassifed Manufacturers ZIOL2111 Datasheet HTML 34Page - List of Unclassifed Manufacturers ZIOL2111 Datasheet HTML 35Page - List of Unclassifed Manufacturers ZIOL2111 Datasheet HTML 36Page - List of Unclassifed Manufacturers ZIOL2111 Datasheet HTML 37Page - List of Unclassifed Manufacturers ZIOL2111 Datasheet HTML 38Page - List of Unclassifed Manufacturers ZIOL2111 Datasheet HTML 39Page - List of Unclassifed Manufacturers ZIOL2111 Datasheet HTML 40Page - List of Unclassifed Manufacturers ZIOL2111 Datasheet HTML 41Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 91 page
background image
ZIOL2xxx – IC Family
IO-Link compliant HV Line Driver IC Family
Data Sheet
January 31, 2012
© 2012 Zentrum Mikroelektronik Dresden AG — Rev. 2.2.1
All rights reserved. The material contained herein may not be reproduced, adapted, merged, translated, stored, or used without
the prior written consent of the copyright owner. The information furnished in this publication is PRELIMINARY and subject to
changes without notice.
37 of 90
As regards the access type to a particular register the following four types have been implemented:
1.
r/w
normal read/write
16
2.
r
read only
3.
r/rst
read only, clear by read
4.
w/pulse
writing to such type of registers causes a partial reset of certain IC functions which
correspond to the assigned bit of the write accessed register; reading is possible but will
return no useful information
In order to illustrate for instance the w/pulse type a write access to status register MON_RST_LOCK_WURQ shall
be explained. The bits of this register are assigned to
 the power fail event (bit 4) and
 the IO-Link specific wake-up request event (bit 3) and
 the COM/AUX driver over-current event (bit 2 and 1) and
 the over-temperature event (bit 0).
Writing the value 0x08 (MON_RST_WURQ = 1) to the register would cause a reset of the previously detected and
stored wake-up request. In doing so the to the IC interconnected µC acknowledges the occurred wake-up request
thus the IC is ready to detect the next wake-up request.
Table 3.7
Register Table
Reg.-Name
Addr.
Bit-Field
Bit Reset-
Value
r/w
Comment
Reference
CONFIGURATION REGISTER
IRQ_ENABLE
0
7:0
255
r/w
Figure 3.14
0
IRQ_EN_POWER_FAIL
7
1
r/w
Power fail interrupt
enable
Added in
Rev B
0
IRQ_EN_WURQ
6
1
r/w
WURQ interrupt
enable
0
IRQ_EN_VALID_FLAG_ERR 5
1
r/w
Valid-flag error
interrupt enable
0
IRQ_EN_EEPROM_ERR
4
1
r/w
Single bit error
interrupt enable
0
IRQ_EN_EEPROM2_ERR
3
1
r/w
Multiple bit error
interrupt enable
16 Note: IC versions ZIOL2xx2 do not allow any write access.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com