Electronic Components Datasheet Search
  English  ▼

X  

ZIOL2111 Datasheet(PDF) 51 Page - List of Unclassifed Manufacturers

Part # ZIOL2111
Description  IO-Link compliant HV Line Driver IC Family
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ZIOL2111 Datasheet(HTML) 51 Page - List of Unclassifed Manufacturers

Back Button ZIOL2111 Datasheet HTML 47Page - List of Unclassifed Manufacturers ZIOL2111 Datasheet HTML 48Page - List of Unclassifed Manufacturers ZIOL2111 Datasheet HTML 49Page - List of Unclassifed Manufacturers ZIOL2111 Datasheet HTML 50Page - List of Unclassifed Manufacturers ZIOL2111 Datasheet HTML 51Page - List of Unclassifed Manufacturers ZIOL2111 Datasheet HTML 52Page - List of Unclassifed Manufacturers ZIOL2111 Datasheet HTML 53Page - List of Unclassifed Manufacturers ZIOL2111 Datasheet HTML 54Page - List of Unclassifed Manufacturers ZIOL2111 Datasheet HTML 55Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 91 page
background image
ZIOL2xxx – IC Family
IO-Link compliant HV Line Driver IC Family
Data Sheet
January 31, 2012
© 2012 Zentrum Mikroelektronik Dresden AG — Rev. 2.2.1
All rights reserved. The material contained herein may not be reproduced, adapted, merged, translated, stored, or used without
the prior written consent of the copyright owner. The information furnished in this publication is PRELIMINARY and subject to
changes without notice.
51 of 90
Figure 3.17 Over-Temperature Lock Control
Comparator
8
Peak values
8
Over-
Temperature
Counter
(8bit)
AND
count
OVT
Counter == Assert_time
AND
8
set
To register IRQ_STATUS
Enables time based lock reset
OVT_TIME_BASE
[6:5]
0b00: 200 ns
0b01:
1 ms
0b10:
8 ms
0b11: 16 ms
2
rst
1
1
Over-Temperature Counter
Count-up:
if input signal count ==1
Count-down:
if input signal count == 0
- no overrun
- no underrun
Counter reset with
- write access to
MON_RST_COUNTER [17]
Data = 0bxxxxxxx1
-0 1 transition of OVT_EN
From Over-Temperature
detector
SPI
OVT_LOCK_TIME
OVT_LOCK_TIME [05]
>C<
0
7
bit
reset
1
6
5
4
3
2
1
1
1
1
1
0
1
0
r / w
MON_OVT_PEAK
MON_OVT_PEAK [25]
>S<
0
7
bit
reset
0
6
5
4
3
2
1
0
0
0
0
0
0
0
r / rst
OVT_EN
OVT_LOCK_EN
OVT_LOCK_TIME_RST
OVT_TBASE
reseved
OVT_PFD_CTRL [09]
>C<
0
7
bit
reset
0
6
5
4
3
2
1
0
0
0
0
0
0
0
r / w
LINE_FAULT_EN
UNDER_VOLTAGE_EN
8
OVT_ASSERT_TIME
OVT_ASSERT_TIME [08]
>C<
0
7
bit
reset
1
6
5
4
3
2
1
1
1
1
1
0
1
0
r / w
Lock counter
8
clear
AND
2
Power
Fail
Detector
The Lock caused by an over-temperature displays that the die temperature has reached a critical level. That
forces a self protecting save state, it causes disabling the COM and the AUX channel by turning off all the HV
driver output stages (Figure 3.17).
The IC configuration allows disabling the lock mode operation for overload exceptions from both channels
(COM/AUX) and the exception from the die over-temperature detector. Since the lock mode operation prevents
the IC to be destroyed due to physical stress situation, the disabling is not recommended or shall be done with
particular caution only.
Disabled lock mode operations for the above mentioned building blocks will prevent generating the related
contribution to the interrupt signal at the INT_L pin. However, those exceptions can be retrieved by reading the
status register MON_STAT[20] (refer to chapter 3.3.9 and/or Figure 3.18).
Not depending on the lock mode operation the IC allows retrieving diagnostic information about the duration of an
exception (peak values). The corresponding IC configuration that is required for retrieving such diagnostic data is
illustrated above figures (Figure 3.15, Figure 3.16, and Figure 3.17).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com