Electronic Components Datasheet Search
  English  ▼

X  

ZIOL2111 Datasheet(PDF) 42 Page - List of Unclassifed Manufacturers

Part # ZIOL2111
Description  IO-Link compliant HV Line Driver IC Family
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ZIOL2111 Datasheet(HTML) 42 Page - List of Unclassifed Manufacturers

Back Button ZIOL2111 Datasheet HTML 38Page - List of Unclassifed Manufacturers ZIOL2111 Datasheet HTML 39Page - List of Unclassifed Manufacturers ZIOL2111 Datasheet HTML 40Page - List of Unclassifed Manufacturers ZIOL2111 Datasheet HTML 41Page - List of Unclassifed Manufacturers ZIOL2111 Datasheet HTML 42Page - List of Unclassifed Manufacturers ZIOL2111 Datasheet HTML 43Page - List of Unclassifed Manufacturers ZIOL2111 Datasheet HTML 44Page - List of Unclassifed Manufacturers ZIOL2111 Datasheet HTML 45Page - List of Unclassifed Manufacturers ZIOL2111 Datasheet HTML 46Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 91 page
background image
ZIOL2xxx – IC Family
IO-Link compliant HV Line Driver IC Family
Data Sheet
January 31, 2012
© 2012 Zentrum Mikroelektronik Dresden AG — Rev. 2.2.1
All rights reserved. The material contained herein may not be reproduced, adapted, merged, translated, stored, or used without
the prior written consent of the copyright owner. The information furnished in this publication is PRELIMINARY and subject to
changes without notice.
42 of 90
Reg.-Name
Addr.
Bit-Field
Bit Reset-
Value
r/w
Comment
Reference
11 COM_OVL_HS_EN
1
1
r/w
COM-Overload:
enable HighSide-
control, to be set if
wake-up shell be
detected via over-
current activity
11 COM_OVL_LS_EN
0
1
r/w
COM-Overload:
enable LowSide-
control, to be set if
wake-up shell be
detected via over-
current activity
AUX_ASSERT_TIME
12
7:0
50
r/w
AUX-Overload: time
until lock is asserted
Figure 3.17
AUX_MON_CTRL
13
6:0
63
r/w
Figure 3.17
13 AUX_OVL_TBASE
6:5
1
r/w
AUX-Overload: time
base
13 AUX_LOCK_TIME_RST
4
1
r/w
AUX-Overload: reset
lock (also) time
based
13 AUX_HS_LOCK_EN
3
1
r/w
AUX-Overload:
enable HighSide-lock
13 AUX_LS_LOCK_EN
2
1
r/w
AUX-Overload:
enable LowSide-lock
13 AUX_OVL_HS_EN
1
1
r/w
AUX-Overload:
enable HighSide-
control, to be set if
wake-up shell be
detected via over-
current activity
13 AUX_OVL_LS_EN
0
1
r/w
AUX-Overload:
enable LowSide-
control, to be set if
wake-up shell be
detected via over-
current activity
IRQ_WURQ_CTRL
14
7:0
35
r/w
Figure 3.14
14 IRQ_PAD_MODE
7
0
r/w
IRQ_PAD_MODE:
0 = open-drain /
1 = push-pull



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com