Electronic Components Datasheet Search
  English  ▼

X  

IR2085STR Datasheet(PDF) 2 Page - International Rectifier

Part # IR2085STR
Description  HIGH SPEED, 100V, SELF OSCILLATING 50% DUTY CYCLE, HALF-BRIDGE DRIVER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR2085STR Datasheet(HTML) 2 Page - International Rectifier

  IR2085STR Datasheet HTML 1Page - International Rectifier IR2085STR Datasheet HTML 2Page - International Rectifier IR2085STR Datasheet HTML 3Page - International Rectifier IR2085STR Datasheet HTML 4Page - International Rectifier IR2085STR Datasheet HTML 5Page - International Rectifier IR2085STR Datasheet HTML 6Page - International Rectifier IR2085STR Datasheet HTML 7Page - International Rectifier IR2085STR Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
IR2085S& (PbF)
www.irf.com
Absolute Maximum Ratings
Absolute maximum ratings indicate sustained limits beyond which damage to the device may occur. All voltage param-
eters are absolute voltages referenced to COM. All currents are defined positive into any lead. The thermal resistance
and power dissipation ratings are measured under board mounted and still air conditions.
Symbol
Definition
Min.
Max.
Units
Vb
High side floating supply voltage
-0.3
150
VCC
Low side supply voltage
—
25
VS
High side floating supply offset voltage
Vb - 25
Vb + 0.3
VHO
High side floating output voltage
Vb - 0.3
Vb + 0.3
VLO
Low side output voltage
-0.3
VCC + 0.3
OSC
OSC pin voltage
-0.3
VCC + 0.3
VCS
Cs pin voltage
-0.3
VCC + 0.3
dVS/dt
Allowable offset voltage slew rate
-50
+50
V/ns
ICC
Supply current
—
20
mA
PD
Package power dissipation
—1.0
W
RthJA
Thermal resistance, junction to ambient
—
200
°C/W
TJ
Junction temperature
-55
150
TS
Storage temperature
-55
150
TL
Lead temperature (soldering, 10 seconds)
—
300
°C
Recommended Operating Conditions
For proper operation the device should be used within the recommended conditions.
Vb
High side floating supply voltage
Vdd -0.7
15
VS
Steady state high side floating supply offset voltage
-5
100
VCC
Supply voltage
10
15
ICC
Supply current (Note 2)
—
5
mA
RT
Timing resistor
10
100
K
Ω
CT
Timing capacitor
47
1000
pF
fosc(max)
Operating frequency (per channel)
—
500
KHz
TJ
Junction temperature
-40
125
°C
Vdc
Symbol
Definition
Min.
Max.
Units
Note1: Care should be taken to avoid output switching conditions where the Vs node flies inductively below ground by more
than 5V.
V



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com