Electronic Components Datasheet Search
  English  ▼

X  

IR2085STR Datasheet(PDF) 5 Page - International Rectifier

Part # IR2085STR
Description  HIGH SPEED, 100V, SELF OSCILLATING 50% DUTY CYCLE, HALF-BRIDGE DRIVER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR2085STR Datasheet(HTML) 5 Page - International Rectifier

  IR2085STR Datasheet HTML 1Page - International Rectifier IR2085STR Datasheet HTML 2Page - International Rectifier IR2085STR Datasheet HTML 3Page - International Rectifier IR2085STR Datasheet HTML 4Page - International Rectifier IR2085STR Datasheet HTML 5Page - International Rectifier IR2085STR Datasheet HTML 6Page - International Rectifier IR2085STR Datasheet HTML 7Page - International Rectifier IR2085STR Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
IR2085S&( PbF)
www.irf.com
Fig. 1 Typical Output Frequency (-25oC to 125oC)
Fig. 2 Typical Dead Time (@25oC)
Fig. 3 Typical Dead Time vs Temperature
0
50
100
150
200
250
300
350
400
450
500
10
20
30
40
50
60
70
80
90
100
RT (kohms)
CT = 47pF
CT = 100pF
CT = 220pF
CT = 470pF
50
75
100
125
150
175
200
225
250
10
20
30
40
50
60
70
80
90
100
RT (kohms)
CT = 470pF
CT = 220pF
CT = 100pF
CT = 47pF
60
80
100
120
140
160
180
-40
-20
0
20
406080
100
120
Temperature
DT(CT=100pF, RT=100k)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com