Electronic Components Datasheet Search
  English  ▼

X  

IR2085STR Datasheet(PDF) 1 Page - International Rectifier

Part # IR2085STR
Description  HIGH SPEED, 100V, SELF OSCILLATING 50% DUTY CYCLE, HALF-BRIDGE DRIVER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR2085STR Datasheet(HTML) 1 Page - International Rectifier

  IR2085STR Datasheet HTML 1Page - International Rectifier IR2085STR Datasheet HTML 2Page - International Rectifier IR2085STR Datasheet HTML 3Page - International Rectifier IR2085STR Datasheet HTML 4Page - International Rectifier IR2085STR Datasheet HTML 5Page - International Rectifier IR2085STR Datasheet HTML 6Page - International Rectifier IR2085STR Datasheet HTML 7Page - International Rectifier IR2085STR Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
www.irf.com
1
Data Sheet No. PD60206 Rev.D
IR2085S & (PbF)
HIGH SPEED, 100V, SELF OSCILLATING 50%
DUTY CYCLE, HALF-BRIDGE DRIVER
Features
•
Simple primary side control solution to enable half-bridge DC-Bus
Converters for 48V distributed systems with reduced component
count and board space
•
Integrated 50% duty cycle oscillator & half-bridge driver
IC in a single SO-8 package
•
Programmable switching frequency with up to 500kHz
max per channel
•
+/- 1A drive current capability optimized for low charge
MOSFETs
•
Adjustable dead-time 50ns – 200ns
•
Floating channel designed for bootstrap operation up to
+100Vdc
•
High and low side pulse width matching to +/- 25ns
•
Adjustable overcurrent protection
•
Undervoltage lockout and internal soft start
•
Also available Leadfree
Product Summary
Topology
Half-Bridge
VOFFSET
≤ 100 V
Io+ & I o- (typical)
1.0A & 1.0A
fOSC (max)
500kHz
Deadtime
50ns – 200ns
HO/LO Pulse
Matching
+/- 25ns
Package
8 - Lead SOIC
Description
The IR2085S is a self-oscillating half-bridge driver IC with 50% duty cycle ideally suited for 36V – 75V half-
bridge DC-bus converters.
This product is also suitable for push-pull converters without restriction on input voltage.
Each channel frequency is equal to fOSC, which can be set by selecting RT & CT, where fOSC = 1/(2*RT.CT).
Dead-time can be controlled through proper selection of CT and can range from 50ns to 200ns. Internal
soft-start increases the pulse width during power up and maintains pulse width matching for the high and
low outputs throughout the start up cycle. The IR2085S initiates a soft start at power up and after every
overcurrent condition. Undervoltage lockout prevents operation if VCC is less than 7.5V.
Typical Connection Diagram


Similar Part No. - IR2085STR

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR2085STRPBF IRF-IR2085STRPBF Datasheet
213Kb / 9P
HIGH SPEED, 100V, SELF OSCILLATING 50% DUTY CYCLE, HALF-BRIDGE DRIVER
More results

Similar Description - IR2085STR

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR2154 IRF-IR2154 Datasheet
124Kb / 7P
SELF-OSCILLATING HALF-BRIDGE DRIVER
IR2085S IRF-IR2085S Datasheet
213Kb / 9P
HIGH SPEED, 100V, SELF OSCILLATING 50% DUTY CYCLE, HALF-BRIDGE DRIVER
IR2086S IRF-IR2086S Datasheet
152Kb / 8P
HIGH SPEED, 100V, SELF OSCILLATING 50% DUTY CYCLE, FULL-BRIDGE DRIVER
IR2153Z IRF-IR2153Z Datasheet
81Kb / 6P
SELF-OSCILLATING HALF-BRIDGE DRIVER
AUIR2085S IRF-AUIR2085S Datasheet
346Kb / 15P
HIGH SPEED, 100V, SELF OSCILLATING 50% DUTY CYCLE, HALF-BRIDGE DRIVER
IR25603SPBF IRF-IR25603SPBF Datasheet
862Kb / 12P
Self-Oscillating Half-Bridge Driver
IR2153 IRF-IR2153_09 Datasheet
161Kb / 9P
SELF-OSCILLATING HALF-BRIDGE DRIVER
IR2086STRPBF IRF-IR2086STRPBF Datasheet
172Kb / 9P
HIGH SPEED, 100V, SELF OSCILLATING 50% DUTY CYCLE, FULL-BRIDGE DRIVER
IR2151PBF IRF-IR2151PBF Datasheet
100Kb / 6P
SELF-OSCILLATING HALF-BRIDGE DRIVER
IR21531STRPBF IRF-IR21531STRPBF Datasheet
223Kb / 9P
SELF-OSCILLATING HALF-BRIDGE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com