Electronic Components Datasheet Search
  English  ▼

X  

IR2085STR Datasheet(PDF) 3 Page - International Rectifier

Part # IR2085STR
Description  HIGH SPEED, 100V, SELF OSCILLATING 50% DUTY CYCLE, HALF-BRIDGE DRIVER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR2085STR Datasheet(HTML) 3 Page - International Rectifier

  IR2085STR Datasheet HTML 1Page - International Rectifier IR2085STR Datasheet HTML 2Page - International Rectifier IR2085STR Datasheet HTML 3Page - International Rectifier IR2085STR Datasheet HTML 4Page - International Rectifier IR2085STR Datasheet HTML 5Page - International Rectifier IR2085STR Datasheet HTML 6Page - International Rectifier IR2085STR Datasheet HTML 7Page - International Rectifier IR2085STR Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
IR2085S&( PbF)
www.irf.com
Static Electrical Characteristics
VBIAS (VCC, VBS) = 12V, CLOAD = 1000 pF and TA = 25°C unless otherwise specified.
Symbol
Definition
Min.
Typ. Max. Units Test Conditions
VOH
High level output voltage, (VBIAS - VO)—
—
1.5
VOL
Low level output voltage
—
—
0.1
Ileak
Offset supply leakage current
—
—
50
IQBS
Quiescent VBS supply current
—
—
150
IQCC
Quiescent VCC supply current
—
—
1.5
mA
VCS+
Overcurrent shutdown threshold
250
300
350
mV
VCS-
Overcurrent shutdown threshold
150
200
250
mV
UVCC+
Undervoltage positive going threshold
6.8
7.3
7.8
UVCC-
Undervoltage negative going threshold
6.3
6.8
7.3
UVBS+
High side undervoltage positive going threshold
6.8
7.3
7.8
UVBS-
High side undervoltage negative going threshold
6.3
6.8
7.3
IO+
Output high short circuit current
—
1.0
—
IO-
Output low short circuit current
—
1.0
—
Dynamic Electrical Characteristics
VBIAS (VCC, VBS) = 12V, CLOAD = 1000 pF, and TA = 25°C unless otherwise specified.
V
μA
Symbol
Definition
Min.
Typ.
Max. Units Test Conditions
tr
Turn-on rise time
—
40
60
tf
Turn-off fall time
—
20
30
fosc
Per channel output frequency
500
—
—
KHz
tdt
High/low output dead time
50
—
—
tdcs
Overcurrent shut down delay
—
200
—
pulse on CS
PM
High/low pulse width mismatch
-25
—
25
VS = 0V ~ 100V
nsec
VS = 0V
nsec
CT =100pF,
RT =10Kohm
V
A



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com