Electronic Components Datasheet Search
  English  ▼

X  

IR2132STR Datasheet(PDF) 3 Page - International Rectifier

Part # IR2132STR
Description  3-PHASE BRIDGE DRIVER
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR2132STR Datasheet(HTML) 3 Page - International Rectifier

  IR2132STR Datasheet HTML 1Page - International Rectifier IR2132STR Datasheet HTML 2Page - International Rectifier IR2132STR Datasheet HTML 3Page - International Rectifier IR2132STR Datasheet HTML 4Page - International Rectifier IR2132STR Datasheet HTML 5Page - International Rectifier IR2132STR Datasheet HTML 6Page - International Rectifier IR2132STR Datasheet HTML 7Page - International Rectifier IR2132STR Datasheet HTML 8Page - International Rectifier IR2132STR Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
IR2132
CONTROL INTEGRATED CIRCUIT DESIGNERS’ MANUAL B-167
Parameter
Value
Symbol
Definition
Figure Min.
Typ. Max. Units Test Conditions
VIH
Logic “0” Input Voltage (OUT = LO)
21
2.2
—
—
VIL
Logic “1” Input Voltage (OUT = HI)
22
—
—
0.8
VIT,TH+
ITRIP Input Positive Going Threshold
23
400
490
580
VOH
High Level Output Voltage, VBIAS - VO
24
—
—
100
mV
VIN = 0V, IO = 0A
VOL
Low Level Output Voltage, VO
25
—
—
100
VIN = 5V, IO = 0A
ILK
Offset Supply Leakage Current
26
—
—
50
VB = VS = 600V
IQBS
Quiescent VBS Supply Current
27
—
15
30
VIN = 0V or 5V
IQCC
Quiescent VCC Supply Current
28
—
3.0
4.0
mA
VIN = 0V or 5V
IIN+
Logic “1” Input Bias Current (OUT = HI)
29
—
450
650
VIN = 0V
IIN-
Logic “0” Input Bias Current (OUT = LO)
30
—
225
400
µA
VIN = 5V
IITRIP+
“High” ITRIP Bias Current
31
—
75
150
ITRIP = 5V
IITRIP-
“Low” ITRIP Bias Current
32
—
—
100
nA
ITRIP = 0V
VBSUV+
VBS Supply Undervoltage Positive Going
33
7.5
8.35
9.2
Threshold
VBSUV-
VBS Supply Undervoltage Negative Going
34
7.1
7.95
8.8
Threshold
VCCUV+
VCC Supply Undervoltage Positive Going
35
8.3
9.0
9.7
Threshold
VCCUV-
VCC Supply Undervoltage Negative Going
36
8.0
8.7
9.4
Threshold
Ron,FLT
FAULT Low On-Resistance
37
—
55
75
Ω
Parameter
Value
Symbol
Definition
Figure Min.
Typ. Max. Units Test Conditions
ton
Turn-On Propagation Delay
11
500
675
850
toff
Turn-Off Propagation Delay
12
300
425
550
VIN = 0 & 5V
tr
Turn-On Rise Time
13
—
80
125
VS1,2,3 = 0 to 600V
tf
Turn-Off Fall Time
14
—
35
55
titrip
ITRIP to Output Shutdown Prop. Delay
15
400
660
920
VIN, VITRIP = 0 & 5V
tbl
ITRIP Blanking Time
—
—
400
—
VITRIP = 1V
tflt
ITRIP to FAULT Indication Delay
16
335
590
845
VIN, VITRIP = 0 & 5V
tflt,in
Input Filter Time (All Six Inputs)
—
—
310
—
VIN = 0 & 5V
tfltclr
LIN1,2,3 to FAULT Clear Time
17
6.0
9.0
12.0
VIN, VITRIP = 0 & 5V
DT
Deadtime
18
0.4
0.8
1.2
VIN = 0 & 5V
SR+
Operational Amplifier Slew Rate (+)
19
4.4
6.2
—
SR-
Operational Amplifier Slew Rate (-)
20
2.4
3.2
—
Dynamic Electrical Characteristics
VBIAS (VCC, VBS1,2,3) = 15V, VS0,1,2,3 = VSS, CL = 1000 pF and TA = 25°C unless otherwise specified. The dynamic
electrical characteristics are defined in Figures 3 through 5.
Static Electrical Characteristics
VBIAS (VCC, VBS1,2,3) = 15V, VS0,1,2,3 = VSS and TA = 25°C unless otherwise specified. The VIN, VTH and IIN parameters
are referenced to VSS and are applicable to all six logic input leads: HIN1,2,3 & LIN1,2,3 . The VO and IO parameters
are referenced to VS0,1,2,3 and are applicable to the respective output leads: HO1,2,3 or LO1,2,3.
V
V/µs
µs
ns
V
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com