Electronic Components Datasheet Search
  English  ▼

X  

IR2132STR Datasheet(PDF) 14 Page - International Rectifier

Part # IR2132STR
Description  3-PHASE BRIDGE DRIVER
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR2132STR Datasheet(HTML) 14 Page - International Rectifier

Back Button IR2132STR Datasheet HTML 10Page - International Rectifier IR2132STR Datasheet HTML 11Page - International Rectifier IR2132STR Datasheet HTML 12Page - International Rectifier IR2132STR Datasheet HTML 13Page - International Rectifier IR2132STR Datasheet HTML 14Page - International Rectifier IR2132STR Datasheet HTML 15Page - International Rectifier IR2132STR Datasheet HTML 16Page - International Rectifier IR2132STR Datasheet HTML 17Page - International Rectifier IR2132STR Datasheet HTML 18Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 21 page
background image
IR2132
B-178 CONTROL INTEGRATED CIRCUIT DESIGNERS’ MANUAL
Figure 28A. VCC Supply Current vs.Temperature
Figure 28B. VCC Supply Current vs. Voltage
Figure 27A. VBS Supply Current vs. Temperature
Figure 27B. VBS Supply Current vs. Voltage
Figure 29A. Logic “1” Input Current vs. Temperature
Figure 29A. Logic “1” Input Current vs. Voltage
0
20
40
60
80
100
-50
-25
0
25
50
75
100
125
Temperature (°C)
Typ.
Max.
0
20
40
60
80
100
10
12
14
16
18
20
VBS Floating Supply Voltage (V)
Max.
Typ.
0.0
2.0
4.0
6.0
8.0
10.0
-50
-25
0
25
50
75
100
125
Temperature (°C)
Typ.
Max.
0.0
2.0
4.0
6.0
8.0
10.0
10
12
14
16
18
20
VCC Supply Voltage (V)
Max.
Typ.
0.00
0.25
0.50
0.75
1.00
1.25
-50
-25
0
25
50
75
100
125
Temperature (°C)
Typ.
Max.
0.00
0.25
0.50
0.75
1.00
1.25
10
12
14
16
18
20
VCC Supply Voltage (V)
Max.
Typ.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com