Electronic Components Datasheet Search
  English  ▼

X  

IR2132STR Datasheet(PDF) 7 Page - International Rectifier

Part # IR2132STR
Description  3-PHASE BRIDGE DRIVER
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR2132STR Datasheet(HTML) 7 Page - International Rectifier

Back Button IR2132STR Datasheet HTML 3Page - International Rectifier IR2132STR Datasheet HTML 4Page - International Rectifier IR2132STR Datasheet HTML 5Page - International Rectifier IR2132STR Datasheet HTML 6Page - International Rectifier IR2132STR Datasheet HTML 7Page - International Rectifier IR2132STR Datasheet HTML 8Page - International Rectifier IR2132STR Datasheet HTML 9Page - International Rectifier IR2132STR Datasheet HTML 10Page - International Rectifier IR2132STR Datasheet HTML 11Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
IR2132
CONTROL INTEGRATED CIRCUIT DESIGNERS’ MANUAL B-171
Figure 3. Deadtime Waveform Definitions
Figure 4. Input/Output Switching Time Waveform
Definitions
Figure 1. Input/Output Timing Diagram
Figure 2. Floating Supply Voltage Transient Test Circuit
Figure 5. Overcurrent Shutdown Switching Time
Waveform Definitions
Figure 6. Diagnostic Feedback Operational Amplifier
Circuit
CAO
V
S0
CA-
V
SS
V
CC
V
SS
+
-
LO1,2,3
HO1,2,3
ITRIP
DT
DT
tr
ton
toff
tf
50%
50%
90%
90%
10%
10%
50%
50%
50%
50%
50%
50%
50%
50%
50%
tflt
titrip
tfltclr
FAULT
LIN 1,2,3
HIN1,2,3
FAULT
HIN1,2,3
LIN1,2,3
HO1,2,3
LO1,2,3
LIN1,2,3
ITRIP
LO1,2,3
HIN1,2,3
LIN1,2,3
LO1,2,3
HO1,2,3
IR2132



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com