Electronic Components Datasheet Search
  English  ▼

X  

IR2132STR Datasheet(PDF) 8 Page - International Rectifier

Part # IR2132STR
Description  3-PHASE BRIDGE DRIVER
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR2132STR Datasheet(HTML) 8 Page - International Rectifier

Back Button IR2132STR Datasheet HTML 4Page - International Rectifier IR2132STR Datasheet HTML 5Page - International Rectifier IR2132STR Datasheet HTML 6Page - International Rectifier IR2132STR Datasheet HTML 7Page - International Rectifier IR2132STR Datasheet HTML 8Page - International Rectifier IR2132STR Datasheet HTML 9Page - International Rectifier IR2132STR Datasheet HTML 10Page - International Rectifier IR2132STR Datasheet HTML 11Page - International Rectifier IR2132STR Datasheet HTML 12Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
IR2132
B-172 CONTROL INTEGRATED CIRCUIT DESIGNERS’ MANUAL
Measure VCAO1 at VS0 = 0.1V
VCAO2 at VS0 = 5V
CMRR = -20*LOG
Measure VCAO1 at VCC = 10V
VCAO2 at VCC = 20V
PSRR = -20*LOG
VCAO1 - VCAO2
Figure 9. Operational Amplifier Common Mode
Rejection Ratio Measurements
Figure 10. Operational Amplifier Power Supply
Rejection Ratio Measurements
Figure 11B. Turn-On Time vs. Voltage
Figure 11A. Turn-On Time vs. Temperature
Figure 7. Operational Amplifier Slew Rate
Measurement
Figure 8. Operational Amplifier Input Offset Voltage
Measurement
CAO
V
S0
CA-
VSS
V
CC
15V
-
+
CAO
+
V
S0
V
CC
V
SS
1k
20k
CA-
+
-
0.2V
(10V) (21)
CAO
+
V
S0
V
CC
V
SS
0.2V
1k
20k
CA-
15V
+
-
VCAO
21
- 0.2V
VOS =
(VCAO1-0.1V) - (VCAO2-5V)
4.9V
(dB)
CAO
V
S0
CA-
V
SS
V
CC
15V
50 pF
+
-
0V
3V
90%
10%
0V
3V
∆T1
∆T2
∆V
∆V
∆T1
SR+ =
∆V
∆T2
SR- =
0.00
0.30
0.60
0.90
1.20
1.50
-50
-25
0
25
50
75
100
125
Temperature (°C)
Typ.
Min.
Max.
0.00
0.30
0.60
0.90
1.20
1.50
10
12
14
16
18
20
VBIAS Supply Voltage (V)
Max.
Typ.
Min.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com