Electronic Components Datasheet Search
  English  ▼

X  

2SC5009 Datasheet(PDF) 3 Page - NEC

Part # 2SC5009
Description  NPN SILICON EPITAXIAL TRANSISTOR 3 PINS ULTRA SUPER MINI MOLD
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SC5009 Datasheet(HTML) 3 Page - NEC

  2SC5009 Datasheet HTML 1Page - NEC 2SC5009 Datasheet HTML 2Page - NEC 2SC5009 Datasheet HTML 3Page - NEC 2SC5009 Datasheet HTML 4Page - NEC 2SC5009 Datasheet HTML 5Page - NEC 2SC5009 Datasheet HTML 6Page - NEC 2SC5009 Datasheet HTML 7Page - NEC 2SC5009 Datasheet HTML 8Page - NEC 2SC5009 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
2SC5009
3
TYPICAL CHARACTERISTICS (TA = 25 ˚C)
2
50
150
100
0
50
100
150
40
30
20
10
0
0.5
1
VCE = 3 V
30
0
100
A
80
A
60
A
40
A
20
A
20
10
2
4
8
500
50
10
1
2
5
10
20
50
VCE = 3 V
14
0
12
10
8
6
4
1
2
5
10
20
50
12
0.5
8
4
0
1
2
5
20
10
VCE = 3 V
VCE = 3 V
50
60 mW
120
A
140
A
160
A
180
A
200
A
6
IB =
200
100
20
f = 2 GHz
50
f = 2 GHz
µ
TOTAL POWER DISSIPATION vs.
AMBIENT TEMPERATURE
Free Air
TA – Ambient Temperature – ˚C
COLLECTOR CURRENT vs.
COLLECTOR TO EMITTER VOLTAGE
VCE – Collector to Emitter Voltage – V
GAIN BANDWIDTH PRODUCT vs.
COLLECTOR CURRENT
IC – Collector Current – mA
I C – Collector Current – mA
INSERTION POWER GAIN vs.
COLLECTOR CURRENT
IC – Collector Current – mA
DC CURRENT GAIN vs.
COLLECTOR CURRENT
VBE – Base to Emitter Voltage – V
COLLECTOR CURRENT vs.
BASE TO EMITTER VOLTAGE
VCE = 3 V
µ
µ
µ
µ
µ
µ
µ
µ
µ



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com