Electronic Components Datasheet Search
  English  ▼

X  

2SC5009 Datasheet(PDF) 6 Page - NEC

Part # 2SC5009
Description  NPN SILICON EPITAXIAL TRANSISTOR 3 PINS ULTRA SUPER MINI MOLD
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SC5009 Datasheet(HTML) 6 Page - NEC

Back Button 2SC5009 Datasheet HTML 2Page - NEC 2SC5009 Datasheet HTML 3Page - NEC 2SC5009 Datasheet HTML 4Page - NEC 2SC5009 Datasheet HTML 5Page - NEC 2SC5009 Datasheet HTML 6Page - NEC 2SC5009 Datasheet HTML 7Page - NEC 2SC5009 Datasheet HTML 8Page - NEC 2SC5009 Datasheet HTML 9Page - NEC 2SC5009 Datasheet HTML 10Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
2SC5009
6
S-PARAMETER
(VCE = 3 V, IC = 3 mA, ZO = 50
Ω)
FREQUENCY
S11
S21
S12
S22
MHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100.00
.907
–4.4
4.749
157.0
.015
86.0
.990
–4.8
200.00
.891
–9.9
4.677
157.3
.029
80.9
.979
–9.4
300.00
.877
–15.1
4.716
153.6
.042
77.6
.956
–13.9
400.00
.855
–20.5
4.696
148.3
.056
74.2
.933
–18.1
500.00
.828
–25.7
4.688
143.6
.068
70.9
.903
–21.9
600.00
.800
–30.4
4.513
138.2
.079
67.7
.875
–25.5
700.00
.767
–35.4
4.450
132.9
.089
64.7
.842
–28.8
800.00
.736
–40.4
4.370
127.5
.099
62.2
.810
–31.8
900.00
.697
–44.8
4.233
122.5
.107
60.2
.776
–34.8
1000.00
.656
–49.9
4.195
117.2
.115
57.5
.745
–37.0
1100.00
.610
–54.6
4.117
112.2
.123
56.3
.715
–39.3
1200.00
.568
–59.0
4.021
107.0
.129
54.4
.684
–41.3
1300.00
.528
–63.1
3.871
102.5
.137
52.7
.661
–43.1
1400.00
.489
–67.1
3.749
98.0
.143
51.8
.637
–44.8
1500.00
.454
–70.6
3.612
93.8
.151
50.5
.615
–46.5
1600.00
.419
–73.9
3.484
89.8
.156
49.6
.594
–48.1
1700.00
.386
–77.7
3.369
86.0
.162
48.7
.575
–49.7
1800.00
.356
–81.0
3.232
82.5
.169
47.6
.558
–51.3
1900.00
.328
–84.2
3.127
79.0
.175
46.7
.540
–52.9
2000.00
.302
–88.1
3.029
75.7
.184
45.5
.514
–54.3
2100.00
.279
–91.5
2.928
72.6
.189
44.4
.497
–55.9
2200.00
.256
–95.1
2.832
69.5
.197
43.4
.482
–57.5
2300.00
.233
–99.3
2.755
66.4
.203
42.5
.466
–59.2
2400.00
.213
–103.7
2.669
63.5
.209
41.6
.449
–61.0
2500.00
.193
–108.2
2.588
60.6
.216
40.6
.436
–62.6
2600.00
.178
–114.1
2.526
58.0
.222
39.8
.421
–63.9
2700.00
.160
–119.7
2.455
55.2
.229
38.4
.405
–66.5
2800.00
.146
–126.7
2.390
52.5
.235
37.6
.389
–68.4
2900.00
.134
–134.5
2.331
49.8
.241
36.6
.376
–70.1
3000.00
.123
–142.0
2.269
47.4
.248
35.1
.361
–72.1
(VCE = 3 V, IC = 1 mA, ZO = 50
Ω)
FREQUENCY
S11
S21
S12
S22
MHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100.00
.955
–2.7
1.800
158.4
.014
86.4
.994
–3.3
200.00
.943
–6.1
1.806
161.4
.029
83.2
.995
–6.4
300.00
.943
–9.2
1.859
159.5
.045
80.9
.985
–9.4
400.00
.932
–12.6
1.885
155.9
.059
77.8
.979
–12.7
500.00
.928
–15.8
1.941
152.5
.074
74.8
.968
–15.6
600.00
.920
–19.0
1.900
148.4
.086
72.2
.960
–18.6
700.00
.908
–22.2
1.911
144.3
.100
69.5
.947
–21.7
800.00
.900
–25.6
1.912
139.9
.113
66.5
.931
–24.6
900.00
.883
–28.6
1.867
135.4
.126
63.7
.914
–27.8
1000.00
.866
–32.2
1.910
131.6
.136
61.5
.896
–30.5
1100.00
.845
–36.0
1.954
127.5
.148
58.6
.875
–33.3
1200.00
.822
–40.0
1.989
123.3
.157
56.1
.851
–35.9
1300.00
.798
–43.5
1.998
118.9
.167
54.2
.833
–38.4
1400.00
.772
–47.5
2.018
114.9
.175
51.6
.810
–41.0
1500.00
.748
–50.8
2.008
110.7
.185
49.8
.792
–43.4
1600.00
.722
–54.3
1.974
106.7
.192
47.5
.770
–45.8
1700.00
.693
–58.2
1.992
102.5
.200
45.8
.749
–48.0
1800.00
.672
–61.2
1.935
98.8
.207
44.2
.731
–50.5
1900.00
.642
–64.8
1.929
95.2
.213
42.7
.708
–52.6
2000.00
.610
–69.2
1.946
91.2
.223
40.8
.683
–54.7
2100.00
.582
–72.4
1.915
87.7
.230
39.1
.662
–57.0
2200.00
.550
–76.5
1.906
83.8
.238
37.4
.643
–59.1
2300.00
.516
–80.4
1.925
79.9
.242
36.1
.621
–61.4
2400.00
.493
–84.0
1.887
76.7
.249
34.4
.602
–63.7
2500.00
.466
–87.9
1.866
73.2
.253
32.9
.586
–65.8
2600.00
.438
–91.6
1.864
69.7
.259
32.0
.554
–68.1
2700.00
.408
–96.0
1.838
66.2
.265
29.9
.547
–70.6
2800.00
.380
–100.2
1.815
62.8
.269
28.5
.530
–73.0
2900.00
.353
–105.2
1.806
59.4
.274
27.3
.508
–75.0
3000.00
.330
–109.4
1.781
56.4
.279
25.9
.492
–77.4



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com