Electronic Components Datasheet Search
  English  ▼

X  

2SC5009 Datasheet(PDF) 8 Page - NEC

Part # 2SC5009
Description  NPN SILICON EPITAXIAL TRANSISTOR 3 PINS ULTRA SUPER MINI MOLD
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SC5009 Datasheet(HTML) 8 Page - NEC

Back Button 2SC5009 Datasheet HTML 2Page - NEC 2SC5009 Datasheet HTML 3Page - NEC 2SC5009 Datasheet HTML 4Page - NEC 2SC5009 Datasheet HTML 5Page - NEC 2SC5009 Datasheet HTML 6Page - NEC 2SC5009 Datasheet HTML 7Page - NEC 2SC5009 Datasheet HTML 8Page - NEC 2SC5009 Datasheet HTML 9Page - NEC 2SC5009 Datasheet HTML 10Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
2SC5009
8
S-PARAMETER
(VCE = 3 V, IC = 1 mA, ZO = 50
Ω)
FREQUENCY
S11
S21
S12
S22
MHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100.00
.950
–2.9
1.790
158.9
.017
87.7
.994
–3.5
200.00
.942
–6.4
1.783
161.5
.033
83.8
.995
–6.8
300.00
.942
–9.7
1.832
159.5
.050
81.1
.984
–10.2
400.00
.930
–13.4
1.863
155.8
.067
77.2
.978
–13.7
500.00
.926
–16.8
1.914
152.3
.082
74.3
.967
–16.9
600.00
.917
–20.1
1.873
147.9
.097
71.5
.958
–20.2
700.00
.903
–23.7
1.886
143.8
.112
68.3
.944
–23.4
800.00
.897
–27.2
1.893
139.1
.127
65.2
.927
–26.6
900.00
.876
–30.6
1.850
134.6
.140
62.1
.910
–30.1
1000.00
.861
–34.4
1.891
130.3
.152
59.2
.887
–33.2
1100.00
.837
–38.5
1.933
126.1
.165
56.2
.865
–36.2
1200.00
.815
–42.8
1.979
121.8
.175
53.7
.837
–39.2
1300.00
.787
–46.5
1.975
117.2
.186
51.3
.818
–41.9
1400.00
.762
–50.7
1.992
112.9
.195
48.8
.792
–44.7
1500.00
.735
–54.5
1.983
108.6
.204
46.7
.769
–47.4
1600.00
.707
–58.1
1.953
104.4
.212
44.6
.747
–50.1
1700.00
.675
–62.3
1.972
100.2
.220
42.5
.723
–52.5
1800.00
.652
–65.6
1.909
96.3
.227
40.8
.703
–55.2
1900.00
.621
–69.5
1.900
92.5
.233
39.0
.677
–57.4
2000.00
.587
–74.2
1.919
88.3
.243
36.9
.650
–59.7
2100.00
.559
–77.9
1.887
84.6
.249
35.0
.625
–62.3
2200.00
.528
–82.4
1.880
80.7
.256
33.5
.605
–64.5
2300.00
.491
–86.7
1.894
76.7
.261
32.0
.580
–67.0
2400.00
.465
–90.8
1.856
73.3
.267
30.4
.561
–69.4
2500.00
.438
–95.0
1.829
69.8
.272
28.7
.541
–71.7
2600.00
.408
–99.7
1.817
66.2
.277
27.1
.519
–74.6
2700.00
.380
–104.1
1.797
62.7
.282
25.7
.499
–77.0
2800.00
.353
–109.1
1.769
59.3
.286
24.3
.479
–79.5
2900.00
.326
–114.6
1.761
55.8
.290
23.2
.458
–81.8
3000.00
.305
–119.8
1.732
52.8
.295
21.6
.440
–84.3



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com