Electronic Components Datasheet Search
  English  ▼

X  

ICS85408I Datasheet(PDF) 2 Page - Integrated Device Technology

Part # ICS85408I
Description  Low Skew, 1-to-8, Differential-to-LVDS Clock
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS85408I Datasheet(HTML) 2 Page - Integrated Device Technology

  ICS85408I Datasheet HTML 1Page - Integrated Device Technology ICS85408I Datasheet HTML 2Page - Integrated Device Technology ICS85408I Datasheet HTML 3Page - Integrated Device Technology ICS85408I Datasheet HTML 4Page - Integrated Device Technology ICS85408I Datasheet HTML 5Page - Integrated Device Technology ICS85408I Datasheet HTML 6Page - Integrated Device Technology ICS85408I Datasheet HTML 7Page - Integrated Device Technology ICS85408I Datasheet HTML 8Page - Integrated Device Technology ICS85408I Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
ICS85408I Datasheet
LOW SKEW, 1-TO-8, DIFFERENTIAL-TO-LVDS CLOCK DISTRIBUTION CHIP
ICS85408BGI REVISION B JULY 2, 2009
2
©2009 Integrated Device Technology, Inc.
Table 1. Pin Descriptions
NOTE: Pullup and Pulldown refer to internal input resistors. See Table 2, Pin Characteristics, for typical values.
Table 2. Pin Characteristics
Number
Name
Type
Description
1, 2
nQ6, Q6
Output
Differential output pair. LVDS interface levels.
3, 4
nQ5, Q5
Output
Differential output pair. LVDS interface levels.
5, 6
nQ4, Q4
Output
Differential output pair. LVDS interface levels.
7, 8
nQ3, Q3
Output
Differential output pair. LVDS interface levels.
9, 10
nQ2, Q2
Output
Differential output pair. LVDS interface levels.
11, 12
nQ1, Q1
Output
Differential output pair. LVDS interface levels.
13, 14
nQ0, Q0
Output
Differential output pair. LVDS interface levels.
15
nCLK
Input
Pullup
Inverting differential clock input.
16
CLK
Input
Pulldown
Non-inverting differential clock input.
17, 19, 20
VDD
Power
Positive supply pins.
18, 21
GND
Power
Power supply ground.
22
OE
Input
Pullup
Output enable. Controls the enabling and disabling of outputs Qx, nQx. When HIGH,
the outputs are enabled. When LOW, the outputs are in High-Impedance. LVCMOS /
LVTTL interface levels.
23, 24
nQ7, Q7
Output
Differential output pair. LVDS interface levels.
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
CIN
Input Capacitance
4pF
CPD
Power Dissipation Capacitance
(per output)
4pF
RPULLUP
Input Pullup Resistor
51
k
Ω
RPULLDOWN Input Pulldown Resistor
51
k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com