Electronic Components Datasheet Search
  English  ▼

X  

ICS85408I Datasheet(PDF) 14 Page - Integrated Device Technology

Part # ICS85408I
Description  Low Skew, 1-to-8, Differential-to-LVDS Clock
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS85408I Datasheet(HTML) 14 Page - Integrated Device Technology

Back Button ICS85408I Datasheet HTML 8Page - Integrated Device Technology ICS85408I Datasheet HTML 9Page - Integrated Device Technology ICS85408I Datasheet HTML 10Page - Integrated Device Technology ICS85408I Datasheet HTML 11Page - Integrated Device Technology ICS85408I Datasheet HTML 12Page - Integrated Device Technology ICS85408I Datasheet HTML 13Page - Integrated Device Technology ICS85408I Datasheet HTML 14Page - Integrated Device Technology ICS85408I Datasheet HTML 15Page - Integrated Device Technology ICS85408I Datasheet HTML 16Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
ICS85408I Datasheet
LOW SKEW, 1-TO-8, DIFFERENTIAL-TO-LVDS CLOCK DISTRIBUTION CHIP
ICS85408BGI REVISION B JULY 2, 2009
14
©2009 Integrated Device Technology, Inc.
Ordering Information
Table 9. Ordering Information
NOTE: Parts that are ordered with an "LF" suffix to the part number are the Pb-Free configuration and are RoHS compliant.
Part/Order Number
Marking
Package
Shipping Packaging
Temperature
85408BGI
ICS85408BGI
24 Lead TSSOP
Tube
-40
°C to 85°C
85408BGIT
ICS85408BGI
24 Lead TSSOP
1000 Tape & Reel
-40
°C to 85°C
85408BGILF
ICS85408BGILF
“Lead-Free” 24 Lead TSSOP
Tube
-40
°C to 85°C
85408BGILFT
ICS85408BGILF
“Lead-Free” 24 Lead TSSOP
1000 Tape & Reel
-40
°C to 85°C
While the information presented herein has been checked for both accuracy and reliability, Integrated Device Technology (IDT) assumes no responsibility for either its use or for the
infringement of any patents or other rights of third parties, which would result from its use. No other circuits, patents, or licenses are implied. This product is intended for use in normal
commercial and industrial applications. Any other applications, such as those requiring high reliability or other extraordinary environmental requirements are not recommended without
additional processing by IDT. IDT reserves the right to change any circuitry or specifications without notice. IDT does not authorize or warrant any IDT product for use in life support
devices or critical medical instruments.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com