Electronic Components Datasheet Search
  English  ▼

X  

ICS85408I Datasheet(PDF) 13 Page - Integrated Device Technology

Part # ICS85408I
Description  Low Skew, 1-to-8, Differential-to-LVDS Clock
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS85408I Datasheet(HTML) 13 Page - Integrated Device Technology

Back Button ICS85408I Datasheet HTML 8Page - Integrated Device Technology ICS85408I Datasheet HTML 9Page - Integrated Device Technology ICS85408I Datasheet HTML 10Page - Integrated Device Technology ICS85408I Datasheet HTML 11Page - Integrated Device Technology ICS85408I Datasheet HTML 12Page - Integrated Device Technology ICS85408I Datasheet HTML 13Page - Integrated Device Technology ICS85408I Datasheet HTML 14Page - Integrated Device Technology ICS85408I Datasheet HTML 15Page - Integrated Device Technology ICS85408I Datasheet HTML 16Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
ICS85408I Datasheet
LOW SKEW, 1-TO-8, DIFFERENTIAL-TO-LVDS CLOCK DISTRIBUTION CHIP
ICS85408BGI REVISION B JULY 2, 2009
13
©2009 Integrated Device Technology, Inc.
Reliability Information
Table 7.
θ
JA vs. Air Flow Table for a 24 Lead TSSOP
Transistor Count
The transistor count for ICS85408I is: 1821
Pin compatible with SN65LVDS104
Package Outline and Package Dimensions
Package Outline - G Suffix for 24 Lead TSSOP
Table 8. Package Dimensions
Reference Document: JEDEC Publication 95, MO-153
θ
JA by Velocity
Meters per Second
01
2.5
Multi-Layer PCB, JEDEC Standard Test Boards
70°C/W
65.0°C/W
62°C/W
All Dimensions in Millimeters
Symbol
Minimum
Maximum
N
16
A
1.20
A1
0.05
0.15
A2
0.80
1.05
b
0.19
0.30
c
0.09
0.20
D
7.70
7.90
E
6.40 Basic
E1
4.30
4.50
e
0.65 Basic
L
0.45
0.75
α
0°
8°
aaa
0.10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com